Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV115 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV115
Description  GSM Baseband 30MHz 2.8V Oscillator Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV115 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV115 Datasheet HTML 1Page - National Semiconductor (TI) LMV115 Datasheet HTML 2Page - National Semiconductor (TI) LMV115 Datasheet HTML 3Page - National Semiconductor (TI) LMV115 Datasheet HTML 4Page - National Semiconductor (TI) LMV115 Datasheet HTML 5Page - National Semiconductor (TI) LMV115 Datasheet HTML 6Page - National Semiconductor (TI) LMV115 Datasheet HTML 7Page - National Semiconductor (TI) LMV115 Datasheet HTML 8Page - National Semiconductor (TI) LMV115 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMV115
GSM Baseband 30MHz 2.8V Oscillator Buffer
General Description
The LMV115 is a 30MHz buffer specially designed to mini-
mize the effects of spurious signals from the base band chip
to the oscillator. The buffer also minimizes the influence of
varying load resistance and capacitance to the oscillator and
increases the drive capability.
The input of the LMV115 is internally biased with two equal
resistors to the power supply rails. This allows AC coupling
on the input.
The LMV115 offers a shutdown function to optimize current
consumption. This shutdown function can also be used to
control the supply voltage of an external oscillator. The de-
vice is in shutdown mode when the shutdown pin is con-
nected to V
DD.
The LMV115 comes in SC70-6 package. This space saving
product reduces components, improves clock signal and
allows ease of placement for the best form factor.
Features
(Typical 2.8V supply; values unless otherwise specified)
n
Low supply current: 0.3mA
n
2.5V to 3.3V supply
n
AC coupling possible without external bias resistors.
n
Includes shutdown function external oscillator
n
SC70-6 pin package 2.1 x 2mm
n
Operating Temperature Range −40˚C to 85˚C
Applications
n
Cellular phones
n
GSM Modules
n
Oscillator Modules
Schematic Diagram
20075129
December 2003
© 2003 National Semiconductor Corporation
DS200751
www.national.com


Similar Part No. - LMV115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV110 NSC-LMV110 Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
LMV110 NSC-LMV110 Datasheet
772Kb / 12P
Fixed-Gain Amplifiers
LMV110M5 NSC-LMV110M5 Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
LMV110M5 NSC-LMV110M5 Datasheet
772Kb / 12P
Fixed-Gain Amplifiers
LMV110M5X NSC-LMV110M5X Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
More results

Similar Description - LMV115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
Baseband and audio interface for GSM
1999 May 03
logo
Analog Devices
AD20MSP410 AD-AD20MSP410 Datasheet
62Kb / 8P
GSM Baseband Processing Chipset
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
GSM SINGLE-CHIP BASEBAND PROCESSOR
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Analog Devices
AD6526 AD-AD6526 Datasheet
86Kb / 1P
GSM/GPRS Digital Baseband Processor
logo
Golledge Electronics Lt...
GXOU109 GOLLEDGE-GXOU109 Datasheet
51Kb / 1P
1.8 ~ 2.8V CMOS Oscillator
GXO-U109 GOLLEDGE-GXO-U109 Datasheet
52Kb / 1P
1.8~2.8V CMOS Oscillator
logo
Analog Devices
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
GSM/GPRS Digital Baseband Processor
Rev. PrA
logo
Golledge Electronics Lt...
GXO-7521 GOLLEDGE-GXO-7521 Datasheet
190Kb / 2P
1.8 ~ 2.8V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com