Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 39Page - Analog Devices AD9163BBCZ Datasheet HTML 40Page - Analog Devices AD9163BBCZ Datasheet HTML 41Page - Analog Devices AD9163BBCZ Datasheet HTML 42Page - Analog Devices AD9163BBCZ Datasheet HTML 43Page - Analog Devices AD9163BBCZ Datasheet HTML 44Page - Analog Devices AD9163BBCZ Datasheet HTML 45Page - Analog Devices AD9163BBCZ Datasheet HTML 46Page - Analog Devices AD9163BBCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 42 of 123
TRANSPORT LAYER
DELAY
BUFFER 1
DELAY
BUFFER 0
F2S_0
F2S_1
DAC A_I0[15:0]
DAC A_Q0[15:0]
PCLK_1
LANE 0 OCTETS
LANE 7 OCTETS
PCLK_0
SPI CONTROL
LANE 3 OCTETS
LANE 4 OCTETS
DAC B_I0[15:0]
DAC B_Q0[15:0]
TRANSPORT LAYER
(QBD)
SPI CONTROL
PCLK_0
TO
PCLK_1
FIFO
Figure 106. Transport Layer Block Diagram
The transport layer receives the descrambled JESD204B frames
and converts them to DAC samples based on the programmed
JESD204B parameters shown in Table 22. The device parameters
are defined in Table 23.
Table 22. JESD204B Transport Layer Parameters
Parameter
Description
F
Number of octets per frame per lane: 1, 2, or 4
K
Number of frames per multiframe: K = 32
L
Number of lanes per converter device (per link), as
follows: 4 or 8
M
Number of converters per device (per link), as follows:
2 (2 is used for the AD9163)
S
Number of samples per converter, per frame: 1 or 2
Table 23. JESD204B Device Parameters
Parameter
Description
CF
Number of control words per device clock per link.
Not supported, must be 0.
CS
Number of control bits per conversion sample. Not
supported, must be 0.
HD
High density user data format. Used when samples
must be split across lanes.
Set to 1 when F = 1, otherwise 0.
N
Converter resolution = 16.
N
ʹ (or NP)
Total number of bits per sample = 16.
Certain combinations of these parameters are supported by the
AD9163. See Table 26 for a list of supported interpolation rates
and the number of lanes that is supported for each rate. Table 26
lists the JESD204B parameters for each of the interpolation and
number of lanes configuration, and gives an example lane rate for a
5 GHz DAC clock. Table 25 lists JESD204B parameters that have
fixed values. A value of yes in Table 24 means the interpolation rate
is supported for the number of lanes. A blank cell means it is not
supported.
Table 24. Interpolation Rates and Number of Lanes
Interpolation
8
6
4
3
2
1
6×
Yes
Yes
Yes
Yes
8×
Yes
Yes
Yes
Yes
Yes
12×
Yes
Yes
Yes
Yes
Yes
16×
Yes
Yes
Yes
Yes
Yes
Yes
24×
Yes
Yes
Yes
Yes
Yes
Yes
Table 25. JESD204B Parameters with Fixed Values
Parameter
Value
K
32
N
16
NP
16
CF
0
HD
1
CS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com