Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 61Page - Analog Devices AD9163BBCZ Datasheet HTML 62Page - Analog Devices AD9163BBCZ Datasheet HTML 63Page - Analog Devices AD9163BBCZ Datasheet HTML 64Page - Analog Devices AD9163BBCZ Datasheet HTML 65Page - Analog Devices AD9163BBCZ Datasheet HTML 66Page - Analog Devices AD9163BBCZ Datasheet HTML 67Page - Analog Devices AD9163BBCZ Datasheet HTML 68Page - Analog Devices AD9163BBCZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 64 of 123
For example, a sine wave with no digital backoff ideally measures
6 dBm. If a typical balun loss of 1.2 dB is included, expect to
measure 4.8 dBm of actual power in the region where the sinc
response of the DAC has negligible influence and analog roll-off
has not begun. Increasing the output power is best accomplished
by increasing IOUTFS. An example of DAC output characteristics
for several balun and board types is shown in Figure 138.
Output Stage Configuration
The AD9163 is intended to serve high dynamic range applications
that require wide signal reconstruction bandwidth (such as a
DOCSIS cable modem termination system (CMTS)) and/or
high IF/RF signal generation. Optimum ac performance can be
realized only when the DAC output is configured for differential
(that is, balanced) operation with its output common-mode
voltage biased to a stable, low noise 2.5 V nominal analog
supply (VDD25_DAC).
The output network used to interface to the DAC provides a near
0 Ω dc bias path to VDD25_DAC. Any imbalance in the output
impedance over frequency between the OUTPUT+ and
OUTPUT− pins degrades the distortion performance (mostly
even order) and noise performance. Component selection and
layout are critical in realizing the performance potential of the
AD9163.
Most applications that require balanced to unbalanced conversion
from 10 MHz to 3 GHz can take advantage of several available
transformers that offer impedance ratios of both 2:1 and 1:1.
Figure 137 shows the AD9163 interfacing to the Mini-Circuits
TCM1-63AX+ and the TC1-1-43X+ transformers.
50Ω
50Ω
L
L
MINI-CIRCUITS
TCM1-63AX+
TC1-1-43X+
OUTPUT+
OUTPUT–
C
C
VDD25_DAC
Figure 137. Recommended Transformer for Wideband Applications with
Upper Bandwidths of up to 5 GHz
5
0
–5
–10
–15
–20
0
1
2
3
fOUT (GHz)
4
5
6
BAL-0006
TC1-1-43X+
TCM1-63AX+
Figure 138. Measured DAC Output Response; fDAC = 6 GSPS
To assist in matching the AD9163 output, an equivalent model
of the output was developed, and is shown in Figure 139. This
equivalent model includes all effects from the ideal 40 mA
current source in the die to the ball of the CSP_ BGA package,
including parasitic capacitance, trace inductance and resistance,
contact resistance of solder bumps, via inductance, and other
effects.
3.59Ω
3.59Ω
470pH
470pH
40mA
179Ω
1.14pF
248fF
OUTPUT–
OUTPUT+
Figure 139. Equivalent Circuit Model of the DAC Output
A Smith chart is provided in Figure 140 showing the simulated
S11 of the DAC output, using the model in Figure 139. The plot
was taken using the circuit in Figure 139, with an ideal balun.
For the measured response of the DAC output, see Figure 138.
0
0
5.0
–5.0
2.0
1.0
–1.0
FREQUENCY (10MHz TO 6GHz)
–2.0
0.5
–0.5
0.2
–0.2
m1
FREQUENCY = 10MHz
S (1, 1) = 0.770/149.556
IMPEDANCE = Z0 × (0.140 + j0.267)
m2
FREQUENCY = 100MHz
S (1, 1) = 0.227/163.083
IMPEDANCE = Z0 × (0.638 + j0.089)
m3
FREQUENCY = 1GHz
S (1, 1) = 0.367/–144.722
IMPEDANCE = Z0 × (0.499 – j0.245)
m4
FREQUENCY = 2GHz
S (1, 1) = 0.583/–148.777
IMPEDANCE = Z0 × (0.282 – j0.259)
m5
FREQUENCY = 4GHz
S (1, 1) = 0.794/–170.517
IMPEDANCE = Z0 × (0.116 – j0.082)
m6
FREQUENCY = 6GHz
S (1, 1) = 0.779/168.448
IMPEDANCE = Z0 × (0.125 + j0.100)
m6
m5
m4
m3
m2
m1
Figure 140. Simulated Smith Chart Showing the DAC Output Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com