Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9163BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 15Page - Analog Devices AD9163BBCZ Datasheet HTML 16Page - Analog Devices AD9163BBCZ Datasheet HTML 17Page - Analog Devices AD9163BBCZ Datasheet HTML 18Page - Analog Devices AD9163BBCZ Datasheet HTML 19Page - Analog Devices AD9163BBCZ Datasheet HTML 20Page - Analog Devices AD9163BBCZ Datasheet HTML 21Page - Analog Devices AD9163BBCZ Datasheet HTML 22Page - Analog Devices AD9163BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 18 of 123
AC (MIX-MODE)
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
2000
1000
3000
4000
5000
FREQUENCY (MHz)
–20
–60
0
–40
–80
Figure 41. Single-Tone Spectrum at fOUT = 2350 MHz
0
2000
1000
3000
4000
5000
FREQUENCY (MHz)
–20
–60
0
–40
–80
Figure 42. Single-Tone Spectrum at fOUT = 2350 MHz (FIR85 Enabled)
4000
3000
5000
6000
7000
fOUT (MHz)
–155
–165
–150
–160
–175
–170
Figure 43. Single-Tone NSD vs. fOUT
0
2000
1000
3000
4000
5000
FREQUENCY (MHz)
–20
–60
–40
–80
0
Figure 44. Single-Tone Spectrum at fOUT = 4000 MHz
0
2000
1000
3000
4000
5000
FREQUENCY (MHz)
–20
–60
–40
–80
0
Figure 45. Single-Tone Spectrum at fOUT = 4000 MHz (FIR85 Enabled)
–150
–155
–160
–165
–170
–175
3000
4000
5000
6000
7000
fOUT (MHz)
Figure 46. W-CDMA NSD vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com