Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8390AACPZ-R2
Description  Low Power, High Output Current Differential Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8390AACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD8390A
Data Sheet
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VCC − VEE)
26 V
VCOM
VEE < VCOM < VCC
Package Power Dissipation
See Figure 2
Maximum Junction Temperature (TJ MAX)
150°C
Operating Temperature Range (TA)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified in still air with exposed pad soldered to 4-layer
JEDEC test board. θJC is specified at the exposed pad.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead LFCSP (CP-16-23)
30.4
16
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8390A is
limited by its junction temperature on the die.
The maximum safe junction temperature of plastic encapsu-
lated devices, as determined by the glass transition temperature
of the plastic, is 150°C. Exceeding this limit temporarily may
cause a shift in the parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding this
limit for an extended period can result in device failure.
Figure 2 shows the maximum safe power dissipation in
the package vs. the ambient temperature. θJA values are
approximations.
AMBIENT TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
–25
–15
–5
5
15
25
35
45
55
65
75
85
3.5
TJ = 150°C
Figure 2. Maximum Power Dissipation vs. Temperature
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming that the load RL is referenced
to midsupply, the total drive power is VS/2 × IOUT, part of which
is dissipated in the package and part in the load (VOUT × IOUT).
RMS output voltages must be considered. If RL is referenced to
VEE as in single-supply operation, the total power is VS × IOUT.
In single-supply operation with RL referenced to VEE, the worst
case is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more copper in direct contact with the package leads
from PCB traces, through holes, ground, and power planes
reduces θJA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com