Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8390AACPZ-R2
Description  Low Power, High Output Current Differential Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8390AACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
AD8390A
Rev. C | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. NO ELECTRICAL CONNECTION. CONNECT THE
EXPOSED PAD TO A SOLID EXTERNAL PLANE
WITH LOW THERMAL RESISTANCE.
12
11
10
1
3
4
9
2
INP
PD1
PD0
INN
OUTN
VEE
VCC
OUTP
AD8390A
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INP
Amplifier Noninverting Input.
2
PD1
Power Mode Control.
3
PD0
Power Mode Control.
4
INN
Amplifier Inverting Input.
5
NC
No Connection.
6
DGND
Ground.
7
IADJ
Bias Current Adjustment.
8
NC
No Connection.
9
OUTP
Amplifier Noninverting Output.
10
VCC
Positive Power Supply.
11
VEE
Negative Power Supply.
12
OUTN
Amplifier Inverting Output.
13
NC
No Connection.
14
NC
No Connection.
15
VCOM
Common-Mode Voltage.
16
NC
No Connection.
EPAD
Exposed pad. No electrical connection. Connect the exposed pad to a solid external plane with low thermal
resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com