Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8390AACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8390AACPZ-R2
Description  Low Power, High Output Current Differential Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390AACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8390AACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8390AACPZ-R2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD8390A
Data Sheet
Rev. C | Page 10 of 12
APPLICATIONS INFORMATION
SUPPLIES, GROUNDING, AND LAYOUT
The AD8390A can be powered from either single or dual
supplies, with the total supply voltage ranging from 10 V to
24 V. For optimum performance, use well-regulated low ripple
supplies.
As with all high speed amplifiers, pay close attention to supply
decoupling, grounding, and overall board layout. Provide low
frequency supply decoupling with 10 µF tantalum capacitors
from each supply to ground. In addition, decouple all supply
pins with 0.1 µF quality ceramic chip capacitors placed as close
as possible to the driver. Use an internal low impedance ground
plane to provide a common ground point for all driver and
decoupling capacitor ground requirements. Whenever possible,
use separate ground planes for analog and digital circuitry.
Follow high speed layout techniques to minimize parasitic
capacitance around the inverting inputs. Some practical
examples of these techniques are keeping feedback traces as
short as possible and clearing away ground plane in the area of
the inverting inputs.
Keep input and output traces as short as possible and as far
apart from each other as practical to minimize crosstalk. Keep
all differential signal traces as symmetrical as possible.
VCOM PIN
By design, the VCOM pin is internally biased at midsupply,
eliminating the need for external resistors. However, the
designer may set VCOM to other voltage levels with an external
low impedance source.
When the VCOM pin is left unconnected, decouple it with a
0.1 µF capacitor to ground, placed in close proximity to the
AD8390A.
With dual equal supplies, connect the VCOM pin directly to
ground to bias the outputs at midsupply, eliminating the need
for the external decoupling capacitor.
POWER MANAGEMENT
The AD8390A offers significant versatility for maximizing
efficiency while maintaining optimal levels of performance.
Optimizing driver efficiency while delivering the required signal
level is accomplished with two on-chip power management
features: two PD pins to select one of four bias modes and an
IADJ pin for fine bias adjustments.
PD(1:0) Pins
Two CMOS-compatible logic pins, PD1 and PD0, select one of
three active power levels and a power-down mode.
The digital ground pin (DGND) is the logic ground reference
for the PD(1:0) pins. PD(1:0) = (0,0) is the power-down mode.
The PD pins are internally connected to DGND via termination
resistors. When the PD pins are left unconnected, the AD8390A
is in power-down mode.
The AD8390A exhibits a low output impedance in the three
active modes. The output impedance in the power-down mode
is high but undefined and may not be suitable for systems that
rely on a high impedance OFF state, such as multiplexing.
IADJ Pin
The IADJ pin provides bias current fine-tuning.
With the IADJ pin unconnected, the bias currents are internally
set to 10 mA, 6.7 mA, and 3.8 mA for the three active modes.
With the IADJ pin connected to the negative supply (VEE), the
bias currents are reduced by approximately 50%.
A resistor, RADJ, connected between the IADJ pin and the negative
supply, provides fine bias adjustment as shown in Figure 8.
Table 5. PD and IADJ Selection Guide
PD1
PD0
RADJ (Ω)
IQ (mA)
1
1
∞
10.0
1
0
∞
6.7
0
1
∞
3.8
0
0
∞
0.67
1
1
0
5.5
1
0
0
4.0
0
1
0
2.6
0
0
0
0.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com