Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5040BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5040BCPZ-R7
Description  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5040BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADRF5040
Rev. A | Page 5 of 14
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Positive Supply Voltage (VDD) Range
−0.3 V to +3.7 V
Negative Supply Voltage (VSS) Range
−3.7 V to +0.3 V
Control Voltage (V1, V2) Range
−0.3 V to VDD + 0.3 V
RF Input Power1 (VDD, V1, V2 = 3.3 V, VSS =
−3.3 V, TA = 85°C, Frequency = 2 GHz)
Through Path
34 dBm
Termination Path
28 dBm
Hot Switch Power Level (VDD = 3.3 V,
TA = 85°C, Frequency = 2 GHz)
30 dBm
Storage Temperature Range
−65°C to +150°C
Channel Temperature
135°C
Thermal Resistance (Channel to Package
Bottom)
Through Path
83°C/W
Terminated Path
100°C/W
MSL Rating
MSL3
ESD Sensitivity
Human Body Model (HBM)
4 kV (Class 3)
Charged Device Model (CDM)
1.25 kV
1
For the recommended operating conditions, see Table 1.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
5
0
–5
–10
–15
–20
–25
0.01
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
Figure 2. Power Derating for Through Path
5
0
–5
–10
–15
–20
0.01
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
Figure 3. Power Derating for Terminated Path
5
0
–5
–10
–15
–20
0.01
0.1
1
10
100
1k
FREQUENCY (MHz)
Figure 4. Power Derating for Hot Switching Power
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com