Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5040BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5040BCPZ-R7
Description  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5040BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
High Isolation, Silicon SP4T,
Nonreflective Switch, 9 kHz to 12.0 GHz
Data Sheet
ADRF5040
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Nonreflective 50 Ω design
Positive control range: 0 V to 3.3 V
Low insertion loss: 0.8 dB at 8.0 GHz
High isolation: 34 dB at 8.0 GHz
High power handling
33 dBm through path
27 dBm termination path
High linearity
1 dB compression (P1dB): 37 dBm typical
Input third-order intercept (IIP3): 58 dBm typical at 8.0 GHz
ESD rating: 4 kV human body model (HBM)
4 mm × 4 mm, 24-lead LFCSP package
No low frequency spurious
RF settling time (0.05 dB margin of final RFOUT): 9 µs
APPLICATIONS
Test instrumentation
Microwave radios and very small aperture terminals (VSATs)
Military radios, radars, and electronic counter measures (ECMs)
Fiber optics and broadband telecommunications
FUNCTIONAL BLOCK DIAGRAM
50
Ω
50
Ω
50
Ω
50
Ω
PACKAGE
BASE
GND
2
1
3
4
5
6
18
17
16
15
14
13
GND
GND
GND
RFC
GND
GND
GND
VSS
V2
V1
VDD
GND
ADRF5040
Figure 1.
GENERAL DESCRIPTION
The ADRF5040 is a general-purpose, broadband high isolation,
nonreflective single-pole, quad-throw (SP4T) switch in an LFCSP
surface-mount package. Covering the 9 kHz to 12.0 GHz range,
the switch offers high isolation and low insertion loss. The
switch features 34 dB isolation and 0.8 dB insertion loss up to
8.0 GHz, and a 9 µs settling time of 0.05 dB margin of the final
radio frequency output (RFOUT). The switch operates using
positive control voltage of 3.3 V and 0 V and requires +3.3 V and
−3.3 V supplies. The ADRF5040 is packaged in a 4 mm × 4 mm,
surface-mount LFCSP package.


Similar Part No. - ADRF5040BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5042-EVALZ AD-ADRF5042-EVALZ Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5042BCCZN AD-ADRF5042BCCZN Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5042BCCZN-R7 AD-ADRF5042BCCZN-R7 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results

Similar Description - ADRF5040BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
High Power Handling
logo
Pasternack Enterprises,...
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
High Power Handling
PE80L4000 PASTERNACK-PE80L4000 Datasheet
440Kb / 7P
High Power Handling
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com