Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5040BCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5040BCPZ-R7
Description  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040BCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5040BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADRF5040
Rev. A | Page 13 of 14
APPLICATIONS INFORMATION
EVALUATION BOARD
The ADRF5040-EVALZ evaluation board shown in Figure 27 is
designed using proper RF circuit design techniques. Signal lines
at the RF port have 50 Ω impedance, and the package ground
leads and backside ground slug must be connected directly to
the ground plane. The evaluation board is available from Analog
Devices, Inc. upon request.
RF1
RF2
VDD
V1
GND
V2
VSS
RF4
RFC
RF3
J4
J5
J2
J1
U1
J3
Figure 27. Evaluation PCB
Table 7. Bill of Materials for the ADRF5040-EVALZ Evaluation Board
Item
Description
J1 to J5
PC mount SMA RF connectors
TP1 to TP5
Through hole mount test points
C1, C6
100 pF capacitors, 0402 package
U1
ADRF5040 SP4T switch
PCB
600-00598-00-3 evaluation PCB, Rogers 4350 circuit board material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com