Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC188MS8 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC188MS8
Description  Test Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC188MS8 Datasheet(HTML) 2 Page - Analog Devices

  HMC188MS8 Datasheet HTML 1Page - Analog Devices HMC188MS8 Datasheet HTML 2Page - Analog Devices HMC188MS8 Datasheet HTML 3Page - Analog Devices HMC188MS8 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 17
-50
-40
-30
-20
-10
0
012
3
4
56
7
8
OUTPUT FREQUENCY (GHz)
Input = +10 dBm
Input = +13 dBm
Input = +15 dBm
Input = +20 dBm
HMC188MS8 / 188MS8E
Conversion Loss @ +15 dBm Drive Level
Isolation @ +15 dBm Drive Level*
Input Return Loss vs. Drive Level
Output Return Loss vs. Drive Level
*With respect to input level
Note: Output return loss measured at 2fo, with +10dBm,
+15 dBm, and +20 dBm drive levels on input of doubler.
Conversion Loss vs. Drive Level
-50
-40
-30
-20
-10
0
012
34
5
67
8
OUTPUT FREQUENCY (GHz)
+25C
-40C
+85C
-25
-20
-15
-10
-5
0
0
1
2
3
4567
8
OUTPUT FREQUENCY (GHz)
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
05
10
15
20
FREQUENCY (GHz)
Fo
3Fo
4Fo
-25
-20
-15
-10
-5
0
01
2
3
4
567
8
INPUT FREQUENCY (GHz)
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 1.25 - 3.0 GHz INPUT
v04.0709
Absolute Maximum Ratings
Input Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com