Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC188MS8 Datasheet (PDF) - Analog Devices

HMC188MS8 Datasheet PDF - Analog Devices
Part # HMC188MS8
Download  HMC188MS8 Download
File Size   291.92 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Test Equipment

HMC188MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC188MS8 Datasheet PDF - Analog Devices

Part # HMC188MS8
Download  HMC188MS8 Click to download

File Size   291.92 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Test Equipment

HMC188MS8 Datasheet (HTML) - Analog Devices


HMC188MS8 Product details

General Description
The HMC188MS8 & HMC188MS8E are miniature frequency doublers in plastic 8-lead MSOP packages. The suppression of undesired fundamental and higher order harmonics is 45 dB typical with respect to input signal levels. The doubler uses the same diode/balun technology used in Hittite MMIC mixers. The doubler is ideal for high volume applications where frequency doubling of a lower frequency is more economical than directly generating a higher frequency. The passive Schottky diode doubler technology contributes no measurable additive phase noise onto the multiplied signal.

Features
   Conversion Loss: 15 dB
   Fo, 3Fo, 4Fo Isolation: 45 dB
   Input Drive Level: 10 to 20 dBm

Typical Applications
The HMC188MS8 / HMC188MS8E is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• UNII & HiperLAN
• Test Equipment




Similar Part No. - HMC188MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC188MS8 HITTITE-HMC188MS8 Datasheet
139Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.25 - 3.0 GHz INPUT
HMC188MS8 HITTITE-HMC188MS8 Datasheet
245Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY
HMC188MS8 HITTITE-HMC188MS8_09 Datasheet
245Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY
More results


Similar Description - HMC188MS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14982 MAXIM-MAX14982 Datasheet
773Kb / 12P
Test Equipment
Rev 1; 1/15
logo
Micross Components
HMC156A MICROSS-HMC156A Datasheet
770Kb / 7P
Test Equipment
HMC158 MICROSS-HMC158 Datasheet
947Kb / 7P
Test Equipment
HMC204 MICROSS-HMC204 Datasheet
816Kb / 9P
Test Equipment
HMC396 MICROSS-HMC396 Datasheet
829Kb / 9P
Test Equipment
HMC405 MICROSS-HMC405 Datasheet
830Kb / 9P
Test Equipment
HMC517 MICROSS-HMC517 Datasheet
892Kb / 9P
Test Equipment and Sensors
logo
Analog Devices
HMC1105 AD-HMC1105 Datasheet
300Kb / 6P
Microwave Test Equipment
HMC468ALP3E AD-HMC468ALP3E Datasheet
335Kb / 6P
Test Equipment
HMC187AMS8 AD-HMC187AMS8 Datasheet
343Kb / 6P
Test Equipment
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com