Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC188MS8 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC188MS8
Description  Test Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC188MS8 Datasheet(HTML) 1 Page - Analog Devices

  HMC188MS8 Datasheet HTML 1Page - Analog Devices HMC188MS8 Datasheet HTML 2Page - Analog Devices HMC188MS8 Datasheet HTML 3Page - Analog Devices HMC188MS8 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 16
HMC188MS8 / 188MS8E
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 1.25 - 3.0 GHz INPUT
v04.0709
General Description
Features
Functional Diagram
Conversion Loss: 15 dB
Fo, 3Fo, 4Fo Isolation: 45 dB
Input Drive Level: 10 to 20 dBm
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMC188MS8 / HMC188MS8E is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• UNII & HiperLAN
• Test Equipment
The HMC188MS8 & HMC188MS8E are miniature
frequency doublers in plastic 8-lead MSOP packages.
The suppression of undesired fundamental and higher
order harmonics is 45 dB typical with respect to input
signal levels. The doubler uses the same diode/balun
technology used in Hittite MMIC mixers. The doubler
is ideal for high volume applications where frequency
doubling of a lower frequency is more economical than
directly generating a higher frequency. The passive
Schottky diode doubler technology contributes no
measurable additive phase noise onto the multiplied
signal.
Input = +10 dBm
Input = +15 dBm
Input = +20 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
1.75 - 2.75
1.5 - 2.5
1.25 - 3.0
GHz
Frequency Range, Output
3.5 - 5.5
3.0 - 5.0
2.5 - 6.0
GHz
Conversion Loss
19
22
15
18
16
19
dB
FO Isolation
(with respect to input level)
35
45
dB
3FO Isolation
(with respect to input level)
43
50
dB
4FO Isolation
(with respect to input level)
38
45
dB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC188MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC188MS8 HITTITE-HMC188MS8 Datasheet
139Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.25 - 3.0 GHz INPUT
HMC188MS8 HITTITE-HMC188MS8 Datasheet
245Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY
HMC188MS8 HITTITE-HMC188MS8_09 Datasheet
245Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY
More results

Similar Description - HMC188MS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14982 MAXIM-MAX14982 Datasheet
773Kb / 12P
Test Equipment
Rev 1; 1/15
logo
Micross Components
HMC156A MICROSS-HMC156A Datasheet
770Kb / 7P
Test Equipment
HMC158 MICROSS-HMC158 Datasheet
947Kb / 7P
Test Equipment
HMC204 MICROSS-HMC204 Datasheet
816Kb / 9P
Test Equipment
HMC396 MICROSS-HMC396 Datasheet
829Kb / 9P
Test Equipment
HMC405 MICROSS-HMC405 Datasheet
830Kb / 9P
Test Equipment
HMC517 MICROSS-HMC517 Datasheet
892Kb / 9P
Test Equipment and Sensors
logo
Analog Devices
HMC1105 AD-HMC1105 Datasheet
300Kb / 6P
Microwave Test Equipment
HMC468ALP3E AD-HMC468ALP3E Datasheet
335Kb / 6P
Test Equipment
HMC187AMS8 AD-HMC187AMS8 Datasheet
343Kb / 6P
Test Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com