Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC358MS8G Datasheet(PDF) 4 Page - Analog Devices

Part # HMC358MS8G
Description  VSAT Radios
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC358MS8G Datasheet(HTML) 4 Page - Analog Devices

  HMC358MS8G Datasheet HTML 1Page - Analog Devices HMC358MS8G Datasheet HTML 2Page - Analog Devices HMC358MS8G Datasheet HTML 3Page - Analog Devices HMC358MS8G Datasheet HTML 4Page - Analog Devices HMC358MS8G Datasheet HTML 5Page - Analog Devices HMC358MS8G Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
11
11 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
Vcc
Supply Voltage Vcc= 3V
2, 6, 7
N/C
No Connection
3VTUNE
Control Voltage Input. Modulation port bandwidth
dependent on drive source impedance.
4, 5
GND
Package bottom has an exposed metal paddle that
must be RF & DC grounded.
8
RFOUT
RF output (AC coupled).
HMC358MS8G / 358MS8GE
MMIC VCO w/ BUFFER
AMPLIFIER, 5.8 - 6.8 GHz
v04.0607
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com