Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC358MS8G Datasheet(PDF) 1 Page - Analog Devices

Part # HMC358MS8G
Description  VSAT Radios
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC358MS8G Datasheet(HTML) 1 Page - Analog Devices

  HMC358MS8G Datasheet HTML 1Page - Analog Devices HMC358MS8G Datasheet HTML 2Page - Analog Devices HMC358MS8G Datasheet HTML 3Page - Analog Devices HMC358MS8G Datasheet HTML 4Page - Analog Devices HMC358MS8G Datasheet HTML 5Page - Analog Devices HMC358MS8G Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
11
11 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC358MS8G / 358MS8GE
MMIC VCO w/ BUFFER
AMPLIFIER, 5.8 - 6.8 GHz
v04.0607
General Description
Features
Functional Diagram
The HMC358MS8G & HMC358MS8GE are GaAs
InGaP Heterojunction Bipolar Transistor (HBT) MMIC
VCOs. The HMC358MS8G & HMC358MS8GE inte-
grate resonators, negative resistance devices, varac-
tor diodes, and buffer amplifiers. The VCO’s phase
noise performance is excellent over temperature,
shock, and process due to the oscillator’s monolithic
structure. Power output is 11 dBm typical from a 3V
supply voltage. The voltage controlled oscillator is
packaged in a low cost, surface mount 8 lead MSOP
package with an exposed base for improved RF and
thermal performance.
Pout: +11 dBm
Phase Noise: -110 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: 3V @ 100 mA
15mm2 MSOP8G SMT Package
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier
for C-Band applications such as:
• UNII & Pt. to Pt. Radios
• 802.11a & HiperLAN WLAN
• VSAT Radios
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
5.8 - 6.8
GHz
Power Output
811
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-110
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc)
100
mA
Tune Port Leakage Current (Vtune= 10V)
10
μA
Output Return Loss
9dB
Harmonics
2nd
3rd
-10
-20
dB
dB
Pulling (into a 2.0:1 VSWR)
10
MHz pp
Pushing @ Vtune= +3V
150
MHz/V
Frequency Drift Rate
0.8
MHz/°C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC358MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G Datasheet
259Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8GE HITTITE-HMC358MS8GE Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G_07 Datasheet
259Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
More results

Similar Description - HMC358MS8G

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FMM5048GJ FUJITSU-FMM5048GJ Datasheet
109Kb / 4P
VSAT MMIC
logo
TriQuint Semiconductor
TGA2508-EPU TRIQUINT-TGA2508-EPU Datasheet
165Kb / 10P
12-19 GHz VSAT Amplifier
logo
Eudyna Devices Inc
FMM5522GJ EUDYNA-FMM5522GJ Datasheet
527Kb / 4P
VSAT MMIC
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
Microwave Radios
logo
Micross Components
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
Microwave & VSAT Radios
logo
Analog Devices
HMC493LP3 AD-HMC493LP3 Datasheet
343Kb / 6P
VSAT Radios
HMC506LP4 AD-HMC506LP4 Datasheet
634Kb / 6P
VSAT Radio
HMC709LC5 AD-HMC709LC5 Datasheet
373Kb / 6P
Ku Band VSAT Upconverters
logo
Laird Tech Smart Techno...
RJ45-FT LSTD-RJ45-FT Datasheet
857Kb / 1P
Wireless client radios
logo
Inchange Semiconductor ...
IXYN110N120A4 ISC-IXYN110N120A4 Datasheet
527Kb / 3P
Ultra Low-Vsat IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com