Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC358MS8G Datasheet(PDF) 3 Page - Analog Devices

Part # HMC358MS8G
Description  VSAT Radios
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC358MS8G Datasheet(HTML) 3 Page - Analog Devices

  HMC358MS8G Datasheet HTML 1Page - Analog Devices HMC358MS8G Datasheet HTML 2Page - Analog Devices HMC358MS8G Datasheet HTML 3Page - Analog Devices HMC358MS8G Datasheet HTML 4Page - Analog Devices HMC358MS8G Datasheet HTML 5Page - Analog Devices HMC358MS8G Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
11
11 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Vcc
3.5 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vtune
0 to 11V
ESD Sensitivity (HBM)
Class 1A
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
2.75
80
3.0
100
3.25
115
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC358MS8G / 358MS8GE
MMIC VCO w/ BUFFER
AMPLIFIER, 5.8 - 6.8 GHz
v04.0607
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC358MS8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H358
XXXX
HMC358MS8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H358
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com