Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS31-T Datasheet(PDF) 2 Page - ETAL Group

Part # ESS31-T
Description  Selective load protection with physical isolation in the event of a failure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS31-T Datasheet(HTML) 2 Page - ETAL Group

  ESS31-T Datasheet HTML 1Page - ETAL Group ESS31-T Datasheet HTML 2Page - ETAL Group ESS31-T Datasheet HTML 3Page - ETAL Group ESS31-T Datasheet HTML 4Page - ETAL Group ESS31-T Datasheet HTML 5Page - ETAL Group ESS31-T Datasheet HTML 6Page - ETAL Group ESS31-T Datasheet HTML 7Page - ETAL Group ESS31-T Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electronic circuit breaker ESS31-T...-DC 24 V
Electronic circuit breaker ESS31-T...-DC 24 V
www.e-t-a.de
2
1646
4
Technical data (Tamb = 25 °C, UB = DC – 24 V)
Parallel connection of
not allowed
several load outputs
Signal output
ESS31-TC-001/-002
Electrical data
potential-free auxiliary contact
max. DC 30 V / 2 A min. DC 12 V / 10 mA
Standard condition
UB is applied and switch S1 is ON and
LED green overload,
no short circuit
OFF condition LED off
device switched off (switch S1 is OFF)
load circuit physically isolated
no operating voltage UB
Fault condition LED orange overload conditoins > 1.2 times rated
current until electronic disconnection
Fault condition LED red
electronic disconnection upon overload,
short circuit or undervoltage
ESS31-TC-001
single signal, make contact
contact open, terminal 13-14
ESS31-TC-002
single signal, break contact
contact closed, terminal 11-12
General data
Fail-safe element
back-up fuse for ESS31-T.. not required
due to integral redundant fail-safe ele-
ment (protective element)
Terminals
LINE+ / LOAD+ / 0V
- Screw terminals max. cable cross section
M4
- flexible with wire end ferrule w/wo plastic sleeve 0.5 – 10 mm2
- multi-lead connection (2 identical cables)
rigid / flexible
0.5 – 4 mm2
- flexible with wire end ferrule without plastic sleeve 0.5 – 2.5 mm2
- flexible with TWIN wire end ferrule
with plastic sleeve
0.5 – 6 mm2
- wire stripping length
10 mm
- tightening torque (EN 60934)
1.5 – 1.8 Nm
Terminals
aux. contacts
- Screw terminals
M3
- max. cable cross section
- flexible with wire end ferrule w/wo plastic sleeve 0.25 – 2.5 mm2
- wire stripping length
8 mm
- tightening torque (EN 60934)
0.5 – 0.6 Nm
Housing material
moulded
Mounting
symmetrical rail to EN 50022-35 x 7.5
Ambient temperature
0...+50 °C (without condensation,
cf. EN 60204-1)
Storage temperature
-20...+70 °C
Humidity
96 hrs / 95% RH 40 °C
to IEC 60068-2-78-Cab
climate class 3K3 to EN 60721
Vibration
3 g test to IEC 60068-2-6, test Fc ,
Protection class
housing IP20 EN 60529
terminals IP20 EN 60529
EMC requirements
emission: EN 61000-6-3
(EMC directive, CE logo) susceptibility: EN 61000-6-2
Insulation co-ordination
0.5 kV / pollution degree 2
(IEC 60934)
reinforced insulation in operating area
Dielectric strength
max. DC 30 V (load circuit)
Insulation resistance
> 100 MΩ (DC 500 V) between
(OFF condition)
LINE (+) and LOAD (+)
Dimensions (w x h x d)
12.5 x 80 x 83 mm (tolerances to
DIN ISO 286 part 1 IT13)
Mass
approx. 70 g
Type No.
ESS31 Electronic Circuit Breaker, with current limitation
Mounting
TC rail mounting, with auxiliary contact
Version
0 with physical isolation in the event of a failure
Signal input
0 without signal input
Signal output
1 auxiliary make contact
(min. 12 V/10 mA; max. 30 V/2 A)
2 auxiliary break contact
(min. 12 V/10 mA; max. 30 V/2 A)
Operating voltage
DC 24 V voltage rating DC 24 V
Current rating
0.5 A
1 A
2 A
3 A
3.6 A Class 2
4 A
6 A
8 A
10 A
12 A
ESS31 - TC - 0
0 1 - DC 24 V - 6 A ordering example
Order numbering code
Application note
l
The user has to ensure that the cable cross section of the load circuit
in question complies with the current rating of the ESS31-T used.
l
In addition special precautions must be taken in the system or
machine (e.g. use of a safety PLC) which reliably prevent an
automatic re-start of parts of the system (cf. Machinery Directive
2006/42/EG and EN 60204-1, Safety of Machinery). In the event
of a failure (short circuit/overload) the load circuit will be discon-
nected electronically with physical isolation of the contacts by the
ESS31-T.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com