Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS31-T Datasheet(PDF) 1 Page - ETAL Group

Part # ESS31-T
Description  Selective load protection with physical isolation in the event of a failure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS31-T Datasheet(HTML) 1 Page - ETAL Group

  ESS31-T Datasheet HTML 1Page - ETAL Group ESS31-T Datasheet HTML 2Page - ETAL Group ESS31-T Datasheet HTML 3Page - ETAL Group ESS31-T Datasheet HTML 4Page - ETAL Group ESS31-T Datasheet HTML 5Page - ETAL Group ESS31-T Datasheet HTML 6Page - ETAL Group ESS31-T Datasheet HTML 7Page - ETAL Group ESS31-T Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.e-t-a.de
Electronic circuit breaker ESS31-T...-DC 24 V
1646
1
4
Operating data
Operating voltage UB
DC 24 V (18...30 V)
Current ratings IN
fixed rating:
Types ESS31-TC-…:
0.5 A, 1 A, 2 A, 3 A, 3.6 A, 4 A,
6 A, 8 A, 10 A, 12 A
Standby current I0
in ON condition: typically 8 mA
depending on the
signal output
Trip current (bimetal)
typically 0.4 A
(only in the event of a failure, until physical
disconnection)
Visual status
l
multicoloured LED:
indication
Green:
- device is ON (S1 = ON)
load circuit connected
Orange:
- overload or short circuit until
electronic disconnection
Red:
- device switched OFF electronically
load circuit OFF
- undervoltage (UB < 8 V)
OFF:
- manually OFF (S1 = OFF)
load circuit physically isolated
or device is dead-voltage
l
Potential-free signal contact
l
On/off position of the switch S1
Load circuit
Load output
power MOSFET switching output
(plus switching)
Overload and short
typically 1.2 x IN
circuit disconnection
with active current limitation
Trip times for
see time/current characteristic
electronic disconnection
overload trip time typically 500 ms
short circuit trip time depending on
current rating (see table 1)
for physical isolation
typically 5 s
Temperature disconnection internal temperature monitoring
with physical isolation
Undervoltage
with hysteresis, no reset required:
monitoring
»OFF« at UB < 14 V
of load output
»ON« at UB > 17 V
Switch-on delay tStart
typically 2 ms after each ON operation,
reset and after applying of UB
Capacitive loads
up to 40,000 µF
Free-wheeling diode
external free-wheeling diode
recommended for inductive load
Description
Technical data (Tamb = 25 °C, UB = DC – 24 V)
ESS31-T
The model ESS31-T extends our product group of electronic over-
current protection devices for DC 24 V applications. At a width of
only 12.5 mm it provides selective protection for all DC 24 V load
circuits. This is achieved by a combination of active electronic current
limitation in the event of a short circuit and overload disconnection
at typically 1.2 times rated current. The ESS31-T is track-mountable
and provides ease of installation for groups of devices with several
circuits. DC 24 V switch-mode power supplies are widely used in
automation today. In the event of an overload, however, they turn
down the output voltage which is intended to power all connected
loads. So if there is a failure in a single load of the system, the supply
voltage will break down also in all other load circuits. Not only does
this frequently cause undefined fault conditions, but it can even lead
to machine stoppages or system downtimes.
In this context selectivity means that type ESS31-T responds faster
to any overload or short circuit conditions in a load circuit than the
switch-mode power supply. This is ensured by the combination of
active electronic current limitation and well-proven circuit breaker
technology including physical isolation.
The max. possible overcurrent is limited to typically 1.2 times rated
current (see table 1). This allows switching on capacitive loads of up
to 40,000 µF, but a disconnection will only be effected in the event of
an overload or short circuit. For adjustment to the load conditions the
current rating can be selected in fixed values from 0.5 A to 12 A. Visual
status indication is by means of a multicoloured LED and by integral
signal outputs. The manual ON/OFF switch on the device itself allows
start-up of certain individual load circuits and reset after disconnec-
tion on grounds of overcurrent.
As soon as the ESS31-T detects an overload or short circuit in its
load circuit, it blocks the load output transistor and disconnects the
current flow in the faulty circuit. After remedy of the failure, the load
output of the ESS31-T is re-activated manually by actuating the ON/
OFF switch of the device.
US patent number: US 6,490,141 B2
US patent number: US 8,237,311 B2
Features and Benefits
Approvals ESS31-TC
l
Selective load protection with physical isolation
in the event of a failure
l
All types of loads can be connected
(DC 24 V motors upon request)
l
Active current limitation when switching on capacitive loads
up to 40,000 µF and in case of overload/short circuit
l
Fixed current ratings from 0.5 A to 12 A
l
Reliable overload disconnection typically from 1.2 x IN even with
long load lines or small cable cross sections
l
Manuel ON/OFF switch (push-push actuation)
l
Clear status indication by means of LED
l
Integral fail-safe element, adjusted to current rating
l
Width per channel only 12.5 mm
l
For direct rail mounting
l
Ease of wiring via entry line busbars LINE+ and 0 V
Approval
authority
Standard
Rated voltage
Current ratings
VDE
EN 60934
DC 30 V
0.5 A…12 A
UL
UL 1077
DC 30 V
0.5 A…12 A


Similar Part No. - ESS31-T

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
ESS31-TC-001-DC24V-10A E-T-A-ESS31-TC-001-DC24V-10A Datasheet
1Mb / 8P
ESS31-T...-DC 24 V Electronic circuit breaker
ESS31-TC-001-DC24V-12A E-T-A-ESS31-TC-001-DC24V-12A Datasheet
1Mb / 8P
ESS31-T...-DC 24 V Electronic circuit breaker
ESS31-TC-001-DC24V-2A E-T-A-ESS31-TC-001-DC24V-2A Datasheet
1Mb / 8P
ESS31-T...-DC 24 V Electronic circuit breaker
ESS31-TC-001-DC24V-3A E-T-A-ESS31-TC-001-DC24V-3A Datasheet
1Mb / 8P
ESS31-T...-DC 24 V Electronic circuit breaker
ESS31-TC-001-DC24V-4A E-T-A-ESS31-TC-001-DC24V-4A Datasheet
1Mb / 8P
ESS31-T...-DC 24 V Electronic circuit breaker
More results

Similar Description - ESS31-T

ManufacturerPart #DatasheetDescription
logo
ETAL Group
ESX10-TD ETAL-ESX10-TD Datasheet
2Mb / 14P
Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
Selective load protection, electronic trip curve
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
Selective load protection, electronic trip characteristics
ESS22-T ETAL-ESS22-T Datasheet
330Kb / 4P
Double pole electronic circuit breaker with physical isolation at load output
ESS20-0 ETAL-ESS20-0 Datasheet
462Kb / 6P
Selective load protection with physical isolation in the event of a fault
logo
PHOENIX CONTACT
1424412 PHOENIX-1424412 Datasheet
74Kb / 3P
good shielding in the event of electromagnetic interference
1424713 PHOENIX-1424713 Datasheet
81Kb / 3P
Safe use in the field, thanks to a high degree of protection
logo
Infineon Technologies A...
XMC1300AB-STEP INFINEON-XMC1300AB-STEP Datasheet
2Mb / 78P
physical characteristics of the XMC1300 series devices
V2.0 2017-10
logo
Linx Technologies
ANT-315-CW-RH LINX-ANT-315-CW-RH Datasheet
354Kb / 2P
The RH Series utilizes a helical element to greatly reduce the physical length of the antenna housing.
1/5/2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com