Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS31-T Datasheet(PDF) 7 Page - ETAL Group

Part # ESS31-T
Description  Selective load protection with physical isolation in the event of a failure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS31-T Datasheet(HTML) 7 Page - ETAL Group

  ESS31-T Datasheet HTML 1Page - ETAL Group ESS31-T Datasheet HTML 2Page - ETAL Group ESS31-T Datasheet HTML 3Page - ETAL Group ESS31-T Datasheet HTML 4Page - ETAL Group ESS31-T Datasheet HTML 5Page - ETAL Group ESS31-T Datasheet HTML 6Page - ETAL Group ESS31-T Datasheet HTML 7Page - ETAL Group ESS31-T Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.e-t-a.de
Electronic circuit breaker ESS31-T...-DC 24 V
1646
7
4
Electronic circuit breaker ESS31-T...-DC 24 V
Accessories / Technical data
Busbars for LINE and 0 V
ampacity with one input
Imax 50 A
(recommendation: central supply)
ampacity with two inputs
Imax 63 A
grey insulated, length: 500 mm
X 222 611 02
Busbars for LINE and 0 V
grey insulated
max. 10 plug-in cycles allowed
X 222 611 22
(block of 2 ESS31-Ts), length: 22 mm
Packaging unit: 10 pcs
X 222 611 34
(block of 3 ESS31-Ts), length: 34.5 mm
Packaging unit: 10 pcs
X 222 611 47
(block of 4 ESS31-Ts), length: 47 mm
Packaging unit: 10 pcs
X 222 611 59
(block of 5 ESS31-Ts), length: 59.5 mm
Packaging unit: 10 pcs
X 222 611 72
(block of 6 ESS31-Ts), length: 72 mm
Packaging unit: 4 pcs
X 222 611 97
(block of 8 ESS31-Ts), length: 97 mm
Packaging unit: 4 pcs
X 222 611 12
(block of 10 ESS31-Ts), length: 122 mm
Packaging unit: 4 pcs
7,5
Insulated wire bridge (for aux. contact)
optional as jumper for group signalling
(series connection of make contacts 13 - 14)
X 223 108 01
Packaging unit: 10 pcs
Description
The ESS31-T has an integral power distribution system. The following
wirings can be carried out with different plug-in type busbars:
l
LINE +(DC 24 V)
l
0 V
Important: The electronic devices ESS31-T require a 0 V
connection.
Connector bus link –K10
suitable for auxiliary contacts (series connection)
X 210 589 02 (1.5 mm2, brown),
50 pin lugs to
DIN 46230
tinned copper
ø2.5
.099
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness, the right to make changes in these specifications with-
out notice is reserved. Product markings may not be exactly as the ordering codes. Errors
and omissions excepted.
Passive supply module for LINE+ and 0 V
(without protection)
optional for all types ESS31-T versions allowing to
connect the loads in question to all ESS31-T.
Ampacity
Ima 50 A
Max. cable cross section
0.5 - 10 mm2
Technical Data
see terminals of ESS31-T
AD-TX-EM01
LINE+
1
0V
3
AD-TX-
EM01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com