Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9130LR3 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF9130LR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9130LR3 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF9130LR3 Datasheet HTML 1Page - Motorola, Inc MRF9130LR3 Datasheet HTML 2Page - Motorola, Inc MRF9130LR3 Datasheet HTML 3Page - Motorola, Inc MRF9130LR3 Datasheet HTML 4Page - Motorola, Inc MRF9130LR3 Datasheet HTML 5Page - Motorola, Inc MRF9130LR3 Datasheet HTML 6Page - Motorola, Inc MRF9130LR3 Datasheet HTML 7Page - Motorola, Inc MRF9130LR3 Datasheet HTML 8Page - Motorola, Inc MRF9130LR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
MRF9130LR3 MRF9130LSR3
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 3. Power Gain and Input Return Loss versus
Frequency
Figure 4. Power Gain and Efficiency versus
Output Power
Figure 5. Power Gain versus Output Power
Figure 6. Power Gain versus Output Power
Figure 7. Power Gain versus Output Power
Pout, OUTPUT POWER (dBm)
100
15
18
1
0
60
Gps
η
VDD = 28 Vdc
IDQ = 1000 mA
f = 940 MHz
17.5
50
17
40
16.5
30
16
20
15.5
10
10
1000
Pout, OUTPUT POWER (WATTS)
100
15
18
IDQ = 1200 mA
VDD = 28 Vdc
f = 940 MHz
17
16
14
10
1
800 mA
1000 mA
600 mA
1000
Pout, OUTPUT POWER (WATTS)
100
15
18
VDD = 24 V
IDQ = 1000 mA
f = 940 MHz
17
16
13
10
1
1000
14
26 V
28 V
30 V
Pout, OUTPUT POWER (WATTS)
100
15
18
TC = −20°C
VDD = 28 Vdc
IDQ = 1000 mA
f = 940 MHz
17
16
14
10
1
1000
25
°C
50
°C
85
°C
f, FREQUENCY (MHz)
940
13
900
−25
Gps
VDD = 28 Vdc
IDQ = 1000 mA
18
0
17
−5
16
−10
15
−15
14
−20
920
1000
960
980
IRL
60 W
130 W
130 W
Pout = 60 W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com