Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9130LR3 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF9130LR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9130LR3 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF9130LR3 Datasheet HTML 2Page - Motorola, Inc MRF9130LR3 Datasheet HTML 3Page - Motorola, Inc MRF9130LR3 Datasheet HTML 4Page - Motorola, Inc MRF9130LR3 Datasheet HTML 5Page - Motorola, Inc MRF9130LR3 Datasheet HTML 6Page - Motorola, Inc MRF9130LR3 Datasheet HTML 7Page - Motorola, Inc MRF9130LR3 Datasheet HTML 8Page - Motorola, Inc MRF9130LR3 Datasheet HTML 9Page - Motorola, Inc MRF9130LR3 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF9130LR3 MRF9130LSR3
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 8. EVM and Efficiency versus Output
Power
Figure 9. Spectral Regrowth versus Output
Power
Pout, OUTPUT POWER (WATTS) AVG.
100
−75
−60
VDD = 28 Vdc
IDQ = 800 mA
f = 960 MHz
−65
−70
−85
10
1
−80
@ 400 kHz
@ 600 kHz
−50
−55
NOTE: Curves on Figure 8 and 9 gathered on a GSM EDGE optimized text fixture.
Pout, OUTPUT POWER (WATTS) AVG.
100
4
10
VDD = 28 Vdc
IDQ = 800 mA
f = 960 MHz
8
6
0
10
1
2
EVM
20
50
40
30
0
10
η
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com