Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9130LR3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF9130LR3
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9130LR3 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF9130LR3 Datasheet HTML 1Page - Motorola, Inc MRF9130LR3 Datasheet HTML 2Page - Motorola, Inc MRF9130LR3 Datasheet HTML 3Page - Motorola, Inc MRF9130LR3 Datasheet HTML 4Page - Motorola, Inc MRF9130LR3 Datasheet HTML 5Page - Motorola, Inc MRF9130LR3 Datasheet HTML 6Page - Motorola, Inc MRF9130LR3 Datasheet HTML 7Page - Motorola, Inc MRF9130LR3 Datasheet HTML 8Page - Motorola, Inc MRF9130LR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MRF9130LR3 MRF9130LSR3
MOTOROLA RF DEVICE DATA
The RF Sub-Micron MOSFET Line
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for GSM and GSM EDGE base station applications with
frequencies from 921 to 960 MHz, the high gain and broadband performance
of these devices make them ideal for large-signal, common-source amplifier
applications in 28 volt base station equipment.
• Typical Performance for GSM Frequencies, 921 to 960 MHz, 28 Volts
Output Power @ P1dB — 135 Watts
Power Gain — 16.5 dB @ 130 Watts Output Power
Efficiency — 48% @ 130 Watts Output Power
• Internally Matched, Controlled Q, for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 5:1 VSWR, @ 28 Vdc, All Frequency Band,
130 Watts CW Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Low Gold Plating Thickness on Leads, 40µ″ Nominal.
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
Vdc
Gate-Source Voltage
VGS
- 0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
298
1.7
Watts
W/°C
Storage Temperature Range
Tstg
- 65 to +200
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
0.6
°C/W
ESD PROTECTION CHARACTERISTICS
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M2 (Minimum)
Charge Device Model
C7 (Minimum)
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF9130L/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF9130LR3
MRF9130LSR3
GSM/GSM EDGE
921-960 MHz, 130 W, 28 V
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465-06, STYLE 1
NI-780
MRF9130LR3
CASE 465A-06, STYLE 1
NI-780S
MRF9130LSR3
Motorola, Inc. 2004
REV 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF9130LR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9135L MOTOROLA-MRF9135L Datasheet
408Kb / 12P
RF POWER FIELD EFFECT TRANSISTORS
MRF9135LR3 MOTOROLA-MRF9135LR3 Datasheet
408Kb / 12P
RF POWER FIELD EFFECT TRANSISTORS
MRF9135LSR3 MOTOROLA-MRF9135LSR3 Datasheet
408Kb / 12P
RF POWER FIELD EFFECT TRANSISTORS
More results

Similar Description - MRF9130LR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com