Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXB7846EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MXB7846EEE Datasheet HTML 9Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 10Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 11Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 12Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 13Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 14Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 15Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 16Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
______________________________________________________________________________________
13
The first method performs pressure measurements
using a known X-plate resistance. After completing
three conversions (X-position, Z1, and Z2), use the fol-
lowing equation to calculate RTOUCH:
The second method requires knowing both the X-plate
and Y-plate resistance. Three conversions are required in
this method: the X-position, Y-position, and Z1-position.
Use the following equation to calculate RTOUCH:
Internal Temperature Sensor
The MXB7846 provides two temperature measurement
options: single-ended conversion and differential con-
version. Both temperature measurement techniques rely
on the semiconductor junction’s temperature character-
istics. The forward diode voltage (VBE) vs. temperature
is a well-defined characteristic. The ambient tempera-
ture can be calculated by knowing the value of VBE at a
fixed temperature and then monitoring the change in
that voltage as the temperature changes. The single
conversion method requires calibration at a known tem-
perature, but only needs a single reading to calculate
the ambient temperature. First, the PENIRQ diode for-
R
R
Z
X
Z
R
Y
TOUCH
XPLATE
POSITION
YPLATE
POSITION
=
 ×
 ×

×
−
−
11
4096
4096
1
4096
RR
XZ
Z
TOUCH
XPLATE
POSITION
=
() ×
 ×
−
4096
1
2
1
RTOUCH
OPEN CIRCUIT
SENSE LINE
MEASURE Z2
MEASURE Z1
X+
X-
Y+
+
-
Y-
RTOUCH
OPEN CIRCUIT
X+
X-
Y+
Y-
MEASURE X- POSITION
X- POSITION
RTOUCH
OPEN CIRCUIT
X+
X-
Y+
Y-
V
+
-
V
+
-
V
Figure 7. Pressure Measurement Block Diagram
NO RESPONSE TO TOUCHMASK PENIRQ
PENIRQ ENABLED
tTOUCH
SCREEN TOUCHED HERE
INTERRUPT PROCESSOR
SA2
A1
A0
M
S/D
PD1
PD0
12
3
4
5
6
78
1
2
3
1213
141516
PENIRQ
CS
DIN
DCLK
Figure 6. PENIRQ Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com