Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXB7846EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MXB7846EEE Datasheet HTML 1Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 2Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 3Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V, VREF = 2.5V, fDCLK = 2MHz (50% duty cycle), fSAMPLE = 125kHz, 12-bit mode, 0.1µF capacitor at REF, TA =
TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EXTERNAL REFERENCE (Internal reference disabled, reference applied to REF)
Reference Input Voltage Range
(Note 7)
1
VDD
V
Input Resistance
1G
Ω
fSAMPLE = 125kHz
13
40
fSAMPLE = 12.5kHz
2.5
µA
Input Current
fDCLK = 0
±3
BATTERY MONITOR (BAT)
Input Voltage Range
06
V
Input Resistance
During acquisition
10
k
Ω
VREF = 2.5V
±2
Accuracy
Internal reference
±3
%
TEMPERATURE MEASUREMENT
Differential method (Note 8)
1.6
°C
Resolution
Single-conversion method
0.3
°C
Differential method (Note 8)
±2°C
Accuracy
Single-conversion method
±3°C
DIGITAL INPUTS (DCLK, CS, DIN)
Input High Voltage
VIH
VDD ✕ 0.7
V
Input Low Voltage
VIL
0.8
V
Input Hysteresis
VHYST
100
mV
Input Leakage Current
IIN
±1
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT, BUSY)
Output Voltage Low
VOL
ISINK = 250µA
0.4
V
Output Voltage High
VOH
ISOURCE = 250µA
VDD - 0.5
V
PENIRQ Output Low Voltage
VOL
50k
Ω pullup to VDD
0.8
V
Three-State Leakage Current
IL
CS = VDD
1
±10
µA
Three-State Output Capacitance
COUT
CS = VDD
15
pF
POWER REQUIREMENTS
External reference
2.375
5.250
Supply Voltage
VDD
Internal reference
2.70
5.25
V
fSAMPLE = 125ksps
270
650
fSAMPLE = 12.5ksps
220
External
reference
fSAMPLE = 0
150
µA
fSAMPLE = 125ksps
780
950
fSAMPLE = 12.5ksps
720
Supply Current
IDD
Internal
reference
fSAMPLE = 0
650
µA
Shutdown Supply Current
ISHDN
DCLK = CS = VDD
3µA
Power-Supply Rejection Ratio
PSRR
VDD = 2.7V to 3.6V full scale
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com