Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXB7846EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MXB7846EEE Datasheet HTML 12Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 13Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 14Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 15Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 16Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 17Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 18Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 19Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
16
______________________________________________________________________________________
The fastest the MXB7846 can run with CS held continu-
ously low is 15 clock conversions. Figure 10 shows the
serial-interface timing necessary to perform a conver-
sion every 15 DCLK cycles. If CS is connected low and
DCLK is continuous, guarantee a start bit by first clock-
ing in 16 zeros.
Most microcontrollers (µCs) require that data transfers
occur in multiples of eight DCLK cycles; 16 clocks per
conversion is typically the fastest that a µC can drive the
MXB7846. Figure 11 shows the serial interface timing nec-
essary to perform a conversion every 16 DCLK cycles.
8-Bit Conversion
The MXB7846 provides an 8-bit conversion mode
selected by setting the MODE bit in the control byte
high. In the 8-bit mode, conversions complete four
clock cycles earlier than in the 12-bit output mode,
resulting in 25% faster throughput. This can be used in
conjunction with serial interfaces that provide 12-bit
transfers, or two conversions could be accomplished
with three 8-bit transfers. Not only does this shorten each
conversion by 4 bits, but each conversion can also
occur at a faster clock rate since settling to better than 8
bits is all that is required. The clock rate can be as much
as 25% faster. The faster clock rate and fewer clock
cycles combine to increase the conversion rate.
SUPPLY CURRENT (typ) (µA)
PD1
PD0
PENIRQ
STATUS
DURING
CONVERSION
AFTER
CONVERSION
00
Enabled
ADC is ON during conversion, OFF between conversion
200
1
01
Disabled
ADC is always ON, reference is always OFF
200
200
10
Disabled
ADC is always OFF, reference is always ON
400
400
11
Disabled
ADC is always ON, reference is always ON
600
600
Table 4. Power-Mode Selection
DCLK
18
9
12
16
4
5
6
7
8
9
10
11
3
2
10
20
24
4
DOUT
A/D STATE
BUSY
CS
DIN
SA2
A1
A0
MODE
ON
OFF
(MSB)
(LSB)
CONVERSION
ACQUIRE
IDLE
IDLE
IDLE
tACQ
TB
ACQUIRE
CONVERSION
IDLE
RB1
OFF
OFF
OFF
ON
PD1
PD0
(START)
SER/
DFR
DRIVERS 1 AND 2
(SER/DFR HIGH)
DRIVERS 1 AND 2
(SER/DFR LOW)
RB2
RB3
Figure 9. Conversion Timing, 24-Clock per Conversion, 8-Bit Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com