Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-4 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4091-4
Description  Precision Micropower, OVP, RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-4 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4091-4 Datasheet HTML 2Page - Analog Devices ADA4091-4 Datasheet HTML 3Page - Analog Devices ADA4091-4 Datasheet HTML 4Page - Analog Devices ADA4091-4 Datasheet HTML 5Page - Analog Devices ADA4091-4 Datasheet HTML 6Page - Analog Devices ADA4091-4 Datasheet HTML 7Page - Analog Devices ADA4091-4 Datasheet HTML 8Page - Analog Devices ADA4091-4 Datasheet HTML 9Page - Analog Devices ADA4091-4 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4091-2/ADA4091-4
Data Sheet
Rev. H | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
36 V
Input Voltage
Refer to the Input
Overvoltage Protection
section
Differential Input Voltage1
±VSY
Input Current
±5 mA
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Input current must be limited to ±5 mA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the device soldered on a 4-layer JEDEC
standard PCB with zero airflow. The exposed pad is soldered to
the application board.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC (R-8)
155
45
°C/W
14-Lead TSSOP (RU-14)
112
35
°C/W
8-Lead LFCSP (CP-8-21)
75
12
°C/W
16-Lead LFCSP (CP-16-17)
55
14
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com