Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-4 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4091-4
Description  Precision Micropower, OVP, RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-4 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4091-4 Datasheet HTML 9Page - Analog Devices ADA4091-4 Datasheet HTML 10Page - Analog Devices ADA4091-4 Datasheet HTML 11Page - Analog Devices ADA4091-4 Datasheet HTML 12Page - Analog Devices ADA4091-4 Datasheet HTML 13Page - Analog Devices ADA4091-4 Datasheet HTML 14Page - Analog Devices ADA4091-4 Datasheet HTML 15Page - Analog Devices ADA4091-4 Datasheet HTML 16Page - Analog Devices ADA4091-4 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADA4091-2/ADA4091-4
Rev. H | Page 13 of 20
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
8
9
10
ADA4091-2
VSY = ±15V
TIME (Seconds)
Figure 41.Peak-to-Peak Voltage Noise
–130
–120
–110
–100
–90
–80
–70
–60
100
FREQUENCY (Hz)
10
1k
10k
100k
ADA4091-2
VSY = ±15V
Figure 42. Channel Separation vs. Frequency
VSY = ±5V, ±15V
0
10
20
30
40
50
60
70
80
90
100
110
100
1k
10k
100k
1M
10M
ADA4091-2
FREQUENCY (Hz)
VSY = ±1.5V
Figure 43. CMRR vs. Frequency
–20
0
20
40
60
80
100
PSRR–
PSRR+
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4091-2
VSY = ±1.5V, ±5V, ±15V
Figure 44. PSRR vs. Frequency
0
50
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25
30
35
VSY (V)
ADA4091-2
TA = 25°C
Figure 45. Supply Current vs. Supply Voltage
1k
100
10
0.01
0.1
1
10
100
1k
FREQUENCY (Hz)
ADA4091-2
TA = 25°C
VSY = ±5V
Figure 46. Voltage Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com