Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-4 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4091-4
Description  Precision Micropower, OVP, RRIO Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-4 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4091-4 Datasheet HTML 5Page - Analog Devices ADA4091-4 Datasheet HTML 6Page - Analog Devices ADA4091-4 Datasheet HTML 7Page - Analog Devices ADA4091-4 Datasheet HTML 8Page - Analog Devices ADA4091-4 Datasheet HTML 9Page - Analog Devices ADA4091-4 Datasheet HTML 10Page - Analog Devices ADA4091-4 Datasheet HTML 11Page - Analog Devices ADA4091-4 Datasheet HTML 12Page - Analog Devices ADA4091-4 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADA4091-2/ADA4091-4
Rev. H | Page 9 of 20
0
25
50
75
100
125
150
175
200
225
VOS (µV)
–250 –200 –150 –100
–50
0
50
100
150
200
250
ADA4091-2
TA = 25°C
VSY = ±5V
Figure 17. Input Offset Voltage Distribution
TCVOS (µV/°C)
0
50
100
150
200
300
250
350
400
ADA4091-2
–40°C ≤ TA ≤ +125°C
VSY = ±5V
–1
0
1
2
3
4
5
6
7
8
Figure 18. TCVOS Distribution
ADA4091-2
VSY = ±5V
TA = 25°C
RL = 100kΩ
CL = 100pF
AV = +1
TIME (µs)
0
5
10
15
20
25
30
35
40
45
50
6
–6
–4
4
–2
2
0
Figure 19. Large Signal Transient Response
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
TIME (µs)
0.06
–0.08
–0.06
0.04
–0.04
0.02
–0.02
0
ADA4091-2
VSY = ±5V
TA = 25°C
RL = 100kΩ
CL = 100pF
AV = +1
Figure 20. Small Signal Transient Response
–5
–4
–3
–2
–1
0
3
2
1
4
5
VCM (V)
–40°C
+85°C
+125°C
ADA4091-2
VSY = ±5V
–200
–100
0
100
200
300
400
500
+25°C
Figure 21. Input Bias Current vs. Common-Mode Voltage
GAIN
PHASE
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4091-2
VSY = ±5V
RL = 1MΩ
CL = 35pF
–20
0
20
40
60
80
100
–20
0
20
40
60
80
100
Figure 22. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com