Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-2YRDZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4898-2YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4898-2YRDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4898-1/ADA4898-2
Data Sheet
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC 1
–IN 2
+IN 3
–VS 4
PD
8
+VS
7
VOUT
6
NC
5
ADA4898-1
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD CAN BE CONNECTED
TO THE NEGATIVE SUPPLY (−VS) OR
LEFT FLOATING.
Figure 5. Single 8-Lead SOIC_N_EP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect.
2
−IN
Inverting Input.
3
+IN
Noninverting Input.
4
−VS
Negative Supply.
5
NC
No Connect.
6
VOUT
Output.
7
+VS
Positive Supply.
8
PD
Power Down Not.
EP
Exposed Pad. Can be connected to the negative supply (−VS) or can be left floating.
VOUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
VOUT2
7
–IN2
6
+IN2
5
ADA4898-2
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD CAN BE CONNECTED
TO THE NEGATIVE SUPPLY (−VS) OR
LEFT FLOATING.
Figure 6. Dual 8-Lead SOIC_N_EP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT1
Output 1.
2
−IN1
Inverting Input 1.
3
+IN1
Noninverting Input 1.
4
−VS
Negative Supply.
5
+IN2
Noninverting Input 2.
6
−IN2
Inverting Input 2.
7
VOUT2
Output 2.
8
+VS
Positive Supply.
EP
Exposed Pad. Can be connected to the negative supply (−VS) or can be left floating.
Rev. E | Page 6 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com