Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-2YRDZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4898-2YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4898-2YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4898-1/ADA4898-2
Data Sheet
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
VS = ±5V
Figure 13. Small Signal Frequency Response for Various Supply Voltages
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
CL = 33pF
CL = 15pF
CL = 5pF
CL = 0pF
Figure 14. Small Signal Frequency Response for Various Capacitive Loads
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 15. Voltage Noise vs. Frequency
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
VS = ±15V
G = +1
RL = 1kΩ
VOUT = 2V p-p
VS = ±5V
Figure 16. Large Signal Frequency Response for Various Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100k
1M
10M
FREQUENCY (Hz)
G = +2
RL = 1kΩ
VS = ±15V
VOUT = 2V p-p
VOUT = 0.1V p-p
Figure 17. 0.1 dB Flatness for Various Output Voltages
FREQUENCY (Hz)
1
1
10
100
10
100
1k
10k
100k
Figure 18. Input Current Noise vs. Frequency
Rev. E | Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com