Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-2YRDZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4898-2YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4898-2YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADA4898-1/ADA4898-2
TYPICAL PERFORMANCE CHARACTERISTICS
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
G = +1
RF = 0Ω
G = +1
RF = 100Ω
G = +2
RF = 100Ω
G = +5
RF = 100Ω
Figure 7. Small Signal Frequency Response for Various Gains
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
RL = 200Ω
G = +1
VOUT = 100mV p-p
VS = ±15V
Figure 8. Small Signal Frequency Response for Various Loads
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
TA = +25°C
G = +1
RL = 1kΩ
VOUT = 100mV p-p
VS = ±15V
TA = +105°C
TA = +85°C
TA = –40°C
TA = 0°C
Figure 9. Small Signal Frequency Response for Various Temperatures
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 2V p-p
VS = ±15V
G = +1
RF = 0Ω
G = +1
RF = 100Ω
G = +5
RF = 100Ω
G = +2
RF = 100Ω
Figure 10. Large Signal Frequency Response for Various Gains
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
G = +1
VOUT = 2V p-p
VS = ±15V
RL = 200Ω
Figure 11. Large Signal Frequency Response for Various Loads
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1
10
100
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 2V p-p
VS = ±15V
TA = –40°C
TA = +105°C
TA = +25°C
TA = 0°C
TA = +85°C
Figure 12. Large Signal Frequency Response for Various Temperatures
Rev. E | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com