Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F464HB Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 9Page - Cypress Semiconductor MB91F464HB Datasheet HTML 10Page - Cypress Semiconductor MB91F464HB Datasheet HTML 11Page - Cypress Semiconductor MB91F464HB Datasheet HTML 12Page - Cypress Semiconductor MB91F464HB Datasheet HTML 13Page - Cypress Semiconductor MB91F464HB Datasheet HTML 14Page - Cypress Semiconductor MB91F464HB Datasheet HTML 15Page - Cypress Semiconductor MB91F464HB Datasheet HTML 16Page - Cypress Semiconductor MB91F464HB Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 13 of 105
MB91460H Series
3.2 MB91F464HB with MD_3=0
Pin no.
Pin name
I/O
I/O circuit
type*
Function
2 to 3
P27_6 to P27_7
I/O
B
General-purpose input/output ports
AN22 to AN23
Analog input pins of A/D converter
4 to 11
P26_0 to P26_7
I/O
B
General-purpose input/output ports
AN24 to AN31
Analog input pins of A/D converter
12 to 15
P24_4 to P24_7
I/O
A
General-purpose input/output ports
INT4 to INT7
External interrupt input pins
16
P21_0
I/O
A
General-purpose input/output ports
SIN0
Data input pin of USART0
17
P21_1
I/O
A
General-purpose input/output ports
SOT0
Data output pin of USART0
20 to 23
P14_4 to P14_7
I/O
A
General-purpose input/output ports
ICU4 to ICU7
Input capture input pins
TIN4 to TIN7
External trigger input pins of reload timer
TTG4/12 to TTG7/15
External trigger input pins of PPG timer
24 to 27
P15_4 to P15_7
I/O
A
General-purpose input/output ports
OCU4 to OCU7
Output compare output pins
TOT4 to TOT7
Reload timer output pins
28 to 35
P17_0 to P17_7
I/O
A
General-purpose input/output ports
PPG0 to PPG7
Output pins of PPG timer
38
P20_0
I/O
A
General-purpose input/output ports
SIN2
Data input pin of USART2
AIN0
Up/down counter input pin
39
P20_1
I/O
A
General-purpose input/output ports
SOT2
Data output pin of USART2
BIN0
Up/down counter input pin
40
P20_2
I/O
A
General-purpose input/output ports
SCK2
Clock input/output pin of USART2
ZIN0
Up/down counter input pin
CK2
External clock input pin of free-run timer 2
41
P20_4
I/O
A
General-purpose input/output ports
SIN3
Data input pin of USART3
AIN1
Up/down counter input pin
42
P20_5
I/O
A
General-purpose input/output ports
SOT3
Data output pin of USART3
BIN1
Up/down counter input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com