Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F464HB Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 13Page - Cypress Semiconductor MB91F464HB Datasheet HTML 14Page - Cypress Semiconductor MB91F464HB Datasheet HTML 15Page - Cypress Semiconductor MB91F464HB Datasheet HTML 16Page - Cypress Semiconductor MB91F464HB Datasheet HTML 17Page - Cypress Semiconductor MB91F464HB Datasheet HTML 18Page - Cypress Semiconductor MB91F464HB Datasheet HTML 19Page - Cypress Semiconductor MB91F464HB Datasheet HTML 20Page - Cypress Semiconductor MB91F464HB Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 17 of 105
MB91460H Series
[Power supply/Ground pins]
* : For information about the I/O circuit type, refer to 4.“I/O Circuit Types”.
Pin no.
Pin name
I/O
Function
1, 19, 37, 55, 73, 81, 86, 91,
109, 127
VSS5
Supply
Ground pins
54, 72, 90, 108, 126
VDD5
Power supply pins
88, 89
VDD5R
Power supply pins for internal regulator
105
AVSS5
Analog ground pin for A/D converter
107
AVCC5
Power supply pin for A/D converter
106
AVRH5
Reference power supply pin for A/D converter
87
VCC18C
Capacitor connection pin for internal regulator
18, 36, 144
VDD35
Power supply pins for external bus part of I/O ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com