Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F464HB Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB91F464HB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F464HB Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB91F464HB Datasheet HTML 17Page - Cypress Semiconductor MB91F464HB Datasheet HTML 18Page - Cypress Semiconductor MB91F464HB Datasheet HTML 19Page - Cypress Semiconductor MB91F464HB Datasheet HTML 20Page - Cypress Semiconductor MB91F464HB Datasheet HTML 21Page - Cypress Semiconductor MB91F464HB Datasheet HTML 22Page - Cypress Semiconductor MB91F464HB Datasheet HTML 23Page - Cypress Semiconductor MB91F464HB Datasheet HTML 24Page - Cypress Semiconductor MB91F464HB Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
Document Number: 002-04621 Rev. *A
Page 21 of 105
MB91460H Series
G
Mask ROM and EVA device:
CMOS Hysteresis input pin
Flash device:
CMOS input pin
12 V withstand (for MD [2:0])
H
CMOS Hysteresis input pin
Pull-up resistor value: 50 kΩ approx.
J1
High-speed oscillation circuit:
• Programmable between oscillation mode
(external crystal or resonator connected
to X0/X1 pins) and
Fast external Clock Input (FCI) mode
(external clock connected to X0 pin)
• Feedback resistor = approx. 2 * 0.5 MΩ.
Feedback resistor is grounded in the center when the
oscillator is disabled or in FCI mode.
J2
Low-speed oscillation circuit:
• Feedback resistor = approx. 2 * 5 MΩ.
Feedback resistor is grounded in the center when the
oscillator is disabled.
Type
Circuit
Remarks
R
Hysteresis
inputs
R
Pull-up
Resistor
Hysteresis
inputs
X1
X0
R
R
Xout
FCI
0
1
FCI or osc disable
X1A
X0A
R
R
Xout
osc disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com