Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C601 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C601
Description  High power factor in single conversion
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C601 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C601 Datasheet HTML 9Page - Cypress Semiconductor MB39C601 Datasheet HTML 10Page - Cypress Semiconductor MB39C601 Datasheet HTML 11Page - Cypress Semiconductor MB39C601 Datasheet HTML 12Page - Cypress Semiconductor MB39C601 Datasheet HTML 13Page - Cypress Semiconductor MB39C601 Datasheet HTML 14Page - Cypress Semiconductor MB39C601 Datasheet HTML 15Page - Cypress Semiconductor MB39C601 Datasheet HTML 16Page - Cypress Semiconductor MB39C601 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Document Number: 002-08393 Rev.*A
Page 13 of 37
MB39C601
8.4
Power-Up Sequencing
When the voltage is input to VBULK, the electric charge is charged to capacitance of the VCG pin (CVCG) through starting resistor
(Rst). So, the voltage of the VCG pin rises. The voltage of the DRN pin rises by source follower when the voltage of the VCG pin
reaches the threshold voltage of the external HVMOSFET.
The DRN pin is connected with the VDD pin through the internal VDD Switch, and VDD capacitor (CVDD) is charged from the DRN
pin. When the voltage at the VDD pin reaches the threshold voltage of UVLO, the VDD Switch is turned off, and the internal Bias
circuit operates, and the switching is started.
After the switching begins, the voltage at the VDD pin is supplied from Auxiliary Winding through the external diode (DBIAS). The
voltage of an Auxiliary Winding is decided by rolling number ratio of Auxiliary Winding and Secondary Winding, and the voltage of
Secondary Winding. Therefore, the voltage at the VDD pin is not supplied, until the voltage of Auxiliary Winding rises more than the
voltage at the VDD pin. In this period, it is necessary to set the capacitor of the VDD pin to prevent the voltage of the VDD pin from
falling below the threshold voltage of UVLO.
The external Schottky diode (D1) is required between the DRN pin and VDD pin. This diode is used to prevent the current that
flows through the body diode of the VDD Switch.
Current Passing When Starting
10V/8V
VCG
Shunt
Enable
PWM
14V
2V
UVLO
DRN
6
VCG
5
Fault
8
VDD
VDD
Switch
HS
Drive
Driver
GND
7
PWM
Control
D1
DBIAS
CVDD
Rst
CVCG
VBULK
VDD Start-up Current
VDD Operating and LPM Current
HV-MOSFET
Primary
Winding
Auxiliary
Winding
Ist



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com