Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C601 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # MB39C601
Description  High power factor in single conversion
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C601 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button MB39C601 Datasheet HTML 15Page - Cypress Semiconductor MB39C601 Datasheet HTML 16Page - Cypress Semiconductor MB39C601 Datasheet HTML 17Page - Cypress Semiconductor MB39C601 Datasheet HTML 18Page - Cypress Semiconductor MB39C601 Datasheet HTML 19Page - Cypress Semiconductor MB39C601 Datasheet HTML 20Page - Cypress Semiconductor MB39C601 Datasheet HTML 21Page - Cypress Semiconductor MB39C601 Datasheet HTML 22Page - Cypress Semiconductor MB39C601 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Document Number: 002-08393 Rev.*A
Page 19 of 37
MB39C601
8.9
TZE Part
MB39C601 requires all of the following three conditions in order to start the next switching cycle.
1. The time since the last turn-on edge must be equal to or longer than the switching time set by IFB.
2. The time since the last turn-on edge must be longer than the minimum switching period set by MB39C601 (nominally 7.5µs
which equals 133 kHz).
3. Immediately after zero energy detection at the TZE pin. Or, the time since the last zero energy detection must be longer than
tWAIT, (TZE) (2.4μs or less).
Starting switching cycle diagram
The TZE pin is connected with Auxiliary Winding of the transformer through the resistance division, and detects zero energy as
shown "TZE pin Connection".
A delay, 50ns to 200ns, can be added with CTZE to adjust the turn-on of the primary switch with the resonant bottom of Primarty
Winding waveform.
Switching Waveform at detecting zero Energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com