Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C601 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB39C601
Description  High power factor in single conversion
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C601 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB39C601 Datasheet HTML 17Page - Cypress Semiconductor MB39C601 Datasheet HTML 18Page - Cypress Semiconductor MB39C601 Datasheet HTML 19Page - Cypress Semiconductor MB39C601 Datasheet HTML 20Page - Cypress Semiconductor MB39C601 Datasheet HTML 21Page - Cypress Semiconductor MB39C601 Datasheet HTML 22Page - Cypress Semiconductor MB39C601 Datasheet HTML 23Page - Cypress Semiconductor MB39C601 Datasheet HTML 24Page - Cypress Semiconductor MB39C601 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Document Number: 002-08393 Rev.*A
Page 21 of 37
MB39C601
9. Various Protection Circuits
9.1
Under Voltage Lockout Protection (UVLO)
The under voltage lockout protection (UVLO) protects IC from malfunction and protects the system from destruction/deterioration
during the transient state and momentary drop due to start up for the power supply pin voltage (VDD). The voltage decrease of the
VDD pin is detected with comparator, and output HS DRIVER is turned off and output DRIVER is turned off, and the switching is
stopped.The system returns if the VDD pin becomes more than the threshold voltage of the UVLO circuit.
9.2
Over Voltage Proteciton (OVP)
When LED is in the state of open and the output voltage rises too much, the voltage of Auxiliary Winding and the voltage of the
TZE pin rise. The over voltage is detected by sampling this voltage of the TZE pin. When TZE pin voltage rises more than the
threshold voltage of OVP, the over voltage is detected. Output HS DRIVER is turned off, and output DRIVER is turned off, and the
switching is stopped. (latch-off)
If the VDD pin becomes below the voltage of Fault Latch Reset, OVP is released.
9.3
Over Load Protection (OL)
When the cathode or the anode of LED is short to GND and it becomes an overloaded status at switching frequency control, the
current does not flow into Rs and there is no current feedback to IFB. The current of the FB pin detects the overload with 1.5µA or
less. OL state is decided to latch-off or shutdown/retry by ROTM.
Shutdown/retry
…
MB39C601 becomes two states of switching on for 250ms and switching off for 750ms. These
states are repeated. If it is not OL status, it returns.
Latch-off
…
The switching is continued for 250ms. If it does not return from OL states for this period, output HS
DRIVER is turned off, and output DRIVER is turned off, and the switching is stopped. If it returns
from OL states after this time and the switching is still stopped (latch-off) and the VDD pin
becomes below the voltage of Fault Latch Reset, Latch is released.
Over Load Protection Sequencing
9.4
Over Temperature Protection (OTP)
The over temperature protection (OTP) is a function to protect IC from the thermal destruction.When the junction temperature
reaches +150°C,output HS DRIVER is turn off, and output DRIVER is turned off, and the switching is stopped.It returns again when
the junction temperature falls to +125°C (automatic recovery).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com