Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95650L Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB95650L
Description  F2MC-8FX CPU core
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95650L Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB95650L Datasheet HTML 45Page - Cypress Semiconductor MB95650L Datasheet HTML 46Page - Cypress Semiconductor MB95650L Datasheet HTML 47Page - Cypress Semiconductor MB95650L Datasheet HTML 48Page - Cypress Semiconductor MB95650L Datasheet HTML 49Page - Cypress Semiconductor MB95650L Datasheet HTML 50Page - Cypress Semiconductor MB95650L Datasheet HTML 51Page - Cypress Semiconductor MB95650L Datasheet HTML 52Page - Cypress Semiconductor MB95650L Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 49 of 105
MB95650L Series
15.4.4 Port F operations
Operation as an output port
• A pin becomes an output port if the bit in the DDRF register corresponding to that pin is set to “1”.
• For a pin shared with other peripheral functions, disable the output of such peripheral functions.
• When a pin is used as an output port, it outputs the value of the PDRF register to external pins.
• If data is written to the PDRF register, the value is stored in the output latch and is output to the pin set as an output port as it is.
• Reading the PDRF register returns the PDRF register value.
Operation as an input port
• A pin becomes an input port if the bit in the DDRF register corresponding to that pin is set to “0”.
• For a pin shared with other peripheral functions, disable the output of such peripheral functions.
• If data is written to the PDRF register, the value is stored in the output latch but is not output to the pin set as an input port.
• Reading the PDRF register returns the pin value. However, if the read-modify-write (RMW) type of instruction is used to read
the PDRF register, the PDRF register value is returned.
Operation at reset
If the CPU is reset, all bits in the DDRF register are initialized to “0” and port input is enabled.
Operation in stop mode and watch mode
• If the pin state setting bit in the standby control register (STBC:SPL) is set to “1” and the device transits to stop mode or watch
mode, the pin is compulsorily made to enter the high impedance state regardless of the DDRF register value. The input of that
pin is locked to “L” level and blocked in order to prevent leaks due to input open.
• If the pin state setting bit is “0”, the state of the port I/O or that of the peripheral function I/O remains unchanged and the output
level is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com