Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95650L Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # MB95650L
Description  F2MC-8FX CPU core
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95650L Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button MB95650L Datasheet HTML 15Page - Cypress Semiconductor MB95650L Datasheet HTML 16Page - Cypress Semiconductor MB95650L Datasheet HTML 17Page - Cypress Semiconductor MB95650L Datasheet HTML 18Page - Cypress Semiconductor MB95650L Datasheet HTML 19Page - Cypress Semiconductor MB95650L Datasheet HTML 20Page - Cypress Semiconductor MB95650L Datasheet HTML 21Page - Cypress Semiconductor MB95650L Datasheet HTML 22Page - Cypress Semiconductor MB95650L Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 19 of 105
MB95650L Series
9. Pin Connection
Treatment of unused pins
If an unused input pin is left unconnected, a component may be permanently damaged due to malfunctions or latch-ups. Always pull
up or pull down an unused input pin through a resistor of at least 2 k
. Set an unused input/output pin to the output state and leave
it unconnected, or set it to the input state and treat it the same as an unused input pin. If there is an unused output pin, leave it
unconnected.
Power supply pins
To reduce unnecessary electro-magnetic emission, prevent malfunctions of strobe signals due to an increase in the ground level, and
conform to the total output current standard, always connect the VCC pin and the VSS pin to the power supply and ground outside the
device. In addition, connect the current supply source to the VCC pin and the VSS pin with low impedance.
It is also advisable to connect a ceramic capacitor of approximately 1.0 µF as a bypass capacitor between the VCC pin and the VSS
pin at a location close to this device.
DBG pin
Connect the DBG pin to an external pull-up resistor of 2 k
 or above.
After power-on, ensure that the DBG pin does not stay at “L” level until the reset output is released.
The DBG pin becomes a communication pin in debug mode. Since the actual pull-up resistance depends on the tool used and the
interconnection length, refer to the tool document when selecting a pull-up resistor.
RST pin
Connect the RST pin to an external pull-up resistor of 2 k
 or above.
To prevent the device from unintentionally entering the reset mode due to noise, minimize the interconnection length between a pull-up
resistor and the RST pin and that between a pull-up resistor and the VCC pin when designing the layout of the printed circuit board.
The PF2/RST pin functions as the reset input/output pin after power-on. In addition, the reset output of the PF2/RST pin can be enabled
by the RSTOE bit in the SYSC register, and the reset input function and the general purpose I/O function can be selected by the
RSTEN bit in the SYSC register.
C pin
Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. The decoupling capacitor for the VCC pin must have
a capacitance equal to or larger than the capacitance of CS. For the connection to a decoupling capacitor CS, see the diagram below.
To prevent the device from unintentionally entering a mode to which the device is not set to transit due to noise, minimize the distance
between the C pin and CS and the distance between CS and the VSS pin when designing the layout of a printed circuit board.
Note on serial communication
In serial communication, reception of wrong data may occur due to noise or other causes. Therefore, design a printed circuit board
to prevent noise from occurring. Taking account of the reception of wrong data, take measures such as adding a checksum to the end
of data in order to detect errors. If an error is detected, retransmit the data.
C
Cs
DBG
RST
DBG/RST/C pins connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com