Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95650L Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # MB95650L
Description  F2MC-8FX CPU core
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95650L Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button MB95650L Datasheet HTML 63Page - Cypress Semiconductor MB95650L Datasheet HTML 64Page - Cypress Semiconductor MB95650L Datasheet HTML 65Page - Cypress Semiconductor MB95650L Datasheet HTML 66Page - Cypress Semiconductor MB95650L Datasheet HTML 67Page - Cypress Semiconductor MB95650L Datasheet HTML 68Page - Cypress Semiconductor MB95650L Datasheet HTML 69Page - Cypress Semiconductor MB95650L Datasheet HTML 70Page - Cypress Semiconductor MB95650L Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 67 of 105
MB95650L Series
(Continued)
(VCC = 1.8 V to 5.5 V, VSS = 0.0 V, TA = 40 °C to 85 °C)
*1: This is the clock before it is divided according to the division ratio set by the machine clock division ratio select bits
(SYCC:DIV[1:0]). This source clock is divided to become a machine clock according to the division ratio set by the machine clock
division ratio select bits (SYCC:DIV[1:0]). In addition, a source clock can be selected from the following.
• Main clock divided by 2
• PLL multiplication of main clock (Select a multiplication rate from 2, 2.5, 3 and 4.)
• Main CR clock
• PLL multiplication of main CR clock (Select a multiplication rate from 2, 2.5, 3 and 4.)
• Subclock divided by 2
• Sub-CR clock divided by 2
*2: This is the operating clock of the microcontroller. A machine clock can be selected from the following.
• Source clock (no division)
• Source clock divided by 4
• Source clock divided by 8
• Source clock divided by 16
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Machine clock
frequency
FMP
—
0.031
—
16.25
MHz When the main oscillation clock is used
0.25
—
4
MHz When the main CR clock is used
0.25
—
16
MHz When the main PLL clock is used
0.25
—
16
MHz When the main CR PLL clock is used
FMPL
1.024
—
16.384
kHz When the suboscillation clock is used
3.125
—
50
kHz
When the sub-CR clock is used
FCRL = 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com