Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 98Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 99Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 100Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 101Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 102Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 103Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 104Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 105Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 102 of 163
MB91570 Series
12. Interrupt Vector Table
This list shows the assignments of interrupt factors and interrupt vectors/interrupt control registers.
Interrupt Vector
Interrupt factor
Interrupt
number
Interrupt
level
Offset
Default
address for
TBR
RN
*
1
Decimal
Hexa-
decimal
Reset
0
00
-
3FCH
000FFFFCH
-
System reserved
1
01
-
3F8H
000FFFF8H
-
System reserved
2
02
-
3F4H
000FFFF4H
-
System reserved
3
03
-
3F0H
000FFFF0H
-
System reserved
4
04
-
3ECH
000FFFECH
-
FPU exception
5
05
-
3E8H
000FFFE8H
-
Exception of instruction access protection
violation
6
06
-
3E4H
000FFFE4H
-
Exception of data access protection violation
7
07
-
3E0H
000FFFE0H
-
Data access error interrupt
8
08
-
3DCH
000FFFDCH
-
INTE instruction
9
09
-
3D8H
000FFFD8H
-
Instruction break
10
0A
-
3D4H
000FFFD4H
-
System Reserved
11
0B
-
3D0H
000FFFD0H
-
System Reserved
12
0C
-
3CCH
000FFFCCH
-
System Reserved
13
0D
-
3C8H
000FFFC8H
-
Exception of illegal instruction
14
0E
-
3C4H
000FFFC4H
-
NMI request/
XBS RAM double-bit error detection/
Backup RAM double-bit error detection
15
0F
15 (FH) Fixed
3C0H
000FFFC0H
-
External interrupt 0-7
16
10
ICR00
3BCH
000FFFBCH
0
External interrupt 8-15
17
11
ICR01
3B8H
000FFFB8H
1
Reload timer 0/1/4/5
18
12
ICR02
3B4H
000FFFB4H
2(*2)
Reload timer 2/3/6
19
13
ICR03
3B0H
000FFFB0H
3(*2)
Multi-function serial interface ch.0 (reception completed)/
Multi-function serial interface ch.0 (status)
20
14
ICR04
3ACH
000FFFACH
4 (*3)
Multi-function serial interface ch.0 (transmission
completed)
21
15
ICR05
3A8H
000FFFA8H
5
Multi-function serial interface ch.1 (reception completed)/
Multi-function serial interface ch.1 (status)
22
16
ICR06
3A4H
000FFFA4H
6 (*3)
Multi-function serial interface ch.1 (transmission
completed)
23
17
ICR07
3A0H
000FFFA0H
7
LIN-UART2 (reception completed)
24
18
ICR08
39C H
000FFF9CH
8
LIN-UART2 (transmission completed)
25
19
ICR09
398H
000FFF98H
9
LIN-UART3 (reception completed)
26
1A
ICR10
394H
000FFF94H
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com