Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 100Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 101Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 102Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 103Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 104Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 105Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 106Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 107Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 104 of 163
MB91570 Series
Interrupt factor
Interrupt
number
Interrupt
level
Offset
Default
address for
TBR
RN
*
1
Decimal
Hexa-
decimal
OCU0/1/6/7/10/11 (match)
58
3A
ICR42
314H
000FFF14H
42
OCU2/3/4/5/8/9 (match)
59
3B
ICR43
310H
000FFF10H
43
Base timer 0 IRQ0 /
Base timer 0 IRQ1 /
Sound generator 2
60
3C
ICR44
30CH
000FFF0CH
44
Base timer 1 IRQ0 /
Base timer 1 IRQ1 /
Sound generator 3 /
XBS RAM single bit error generation /
Backup RAM single bit error generation
61
3D
ICR45
308H
000FFF08H
45
(*6)
DMAC0/1/2/3/4/5/6/7/8/9/10/11/12/13/14/15
62
3E
ICR46
304H
000FFF04H
-
Delayed interrupt
63
3F
ICR47
300H
000FFF00H
-
System reserved
(Used for REALOS
TM*7.)
64
40
-
2FCH
000FFEFCH
-
System reserved
(Used for REALOS.)
65
41
-
2F8H
000FFEF8H
-
Used with the INT instruction.
66
|
255
42
|
FF
-
2F4H
|
000H
000FFEF4H
|
000FFC00H
-
*1: It does not support the DMA transfer request by the interrupt generated from a peripheral to which no RN (Resource Number) is
assigned.
*2: Reload timer ch.4 to ch.6 does not support the DMA transfer by the interrupt.
*3: The status of the multi-function serial interface does not support the DMA transfer by I
2C reception.
*4: HS_SPI does not support the DMA transfer by the interrupt.
*5: The clock calibration unit does not support the DMA transfer by the interrupt.
*6: It does not support the DMA transfer by the interrupt because of the RAM ECC bit error.
*7: REALOS is the trademark of Cypress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com