Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 134 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 134 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 130Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 131Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 132Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 133Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 134Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 135Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 138Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 134 of 163
MB91570 Series
Bit setting: ESCR: SCES=1, ECCR: SCDE=0
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VCCE = 5.0V±10%, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7
–
5tCPP
–
ns
Internal shift clock mode:
CL=80pF+1 • TTL
SCK
↑→
SOT delay time
tSHOVI
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7,
SOT2,SOT3,
SOT4,SOT5,
SOT6,SOT7
-50
+50
ns
Valid SIN
→
SCK
↓setup time
tIVSLI
SCK2,SCK3,SCK4,
SCK5,SCK6,SCK7,
SIN2,SIN3,
SIN4,SIN5,
SIN6,SIN7
tCPP+80
–
ns
SCK
↓→
Valid SIN hold time
tSLIXI
0
–
ns
Serial clock "H" pulse width
tSHSL
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7
–
3tCPP-tR
–
ns
External shift clock mode:
CL=80pF+1 •TTL
Serial clock "L" pulse width
tSLSH
tCPP+10
–
ns
SCK
↑→
SOT delay time
tSHOVE
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7,
SOT2,SOT3,
SOT4,SOT5,
SOT6,SOT7
–
2tCPP+60
ns
Valid SIN
→
SCK
↓setup time
tIVSLE
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7,
SIN2,SIN3,
SIN4,SIN5,
SIN6,SIN7
30
–
ns
SCK
↓→
Valid SIN hold time
tSLIXE
tCPP+30
–
ns
SCK fall time
tF
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7
–
10
ns
SCK rise time
tR
–
40
ns
Notes:
• CL is the load capacitance applied to pins during testing.
• The maximum baud rate is limited by the internal operation clock used and other parameters.
Refer to Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com