Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 137 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 137 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 133Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 134Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 135Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 138Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 139Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 140Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 141Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 137 of 163
MB91570 Series
Bit setting: ESCR: SCES = 1, ECCR: SCDE = 1
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VCCE = 5.0V±10%, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7
–
5tCPP
–
ns
Internal shift clock
Mode:
CL=80pF+1 • TTL
SCK
↓→
SOT delay time
tSLOVI
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7,
SOT2,SOT3,
SOT4,SOT5,
SOT6,SOT7
-50
+50
ns
Valid SIN
→
SCK
↑ setup time
tIVSHI
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7,
SIN2,SIN3,
SIN4,SIN5,
SIN6,SIN7
tCPP+80
–
ns
SCK
↑→
Valid SIN hold time
tSHIXI
0
–
ns
SOT
→
SCK
↑ delay time
tSOVHI
SCK2,SCK3,
SCK4,SCK5,
SCK6,SCK7,
SOT2,SOT3,
SOT4,SOT5,
SOT6,SOT7
3tCPP-70
–
ns
Notes:
• CL is the load capacitance applied to pins during testing.
• The maximum baud rate is limited by the internal operation clock used and other parameters.
Refer to Hardware Manual for details.
Internal shift clock mode
2.4V
2.4V
0.8V
0.8V
SINx
SOTx
SCKx
t
SCYC
t
SHIXI
t
IVSHI
VIL
V
IH
V
IL
VIH
2.4V
0.8V
t
SLOVI
t
SOVHI
2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com