Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 139 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 139 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 135Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 136Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 137Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 138Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 139Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 140Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 141Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 142Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 143Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 139 of 163
MB91570 Series
13.4.9
NMI input timing
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Input pulse width
tNMIL
NMIX
–
4tCPP
–
ns
NMIX input timing
VIH
NMIX
t NMIL
VIH
VIL
VIL
13.4.10 Low voltage detection (External low-voltage detection)
(TA: Recommended operating conditions, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage range
VCC5
VCC5
–
–
–
5.5
V
Detection voltage
VDL
VCC5
*1
3.9
4.1
4.3
V
When power-supply
voltage falls and
detection level is set
initially
Hysteresis width
VHYS
VCC5
–
–
–
125
mV
When power-supply
voltage rises
Low voltage detection time
Td
–
–
–
–
30
μs
Power supply voltage fluctuation
rate
–
VCC5
–
-2
–
2
V/ms
*2
*1: If the power supply voltage fluctuates within the time less than the low-voltage detection time (Td), there is a possibility that the
low-voltage detection will occur or stop after the power supply voltage passes the detection range.
*2: In order to perform the low-voltage detection at the detection voltage (VDL), be sure to suppress fluctuation of the power supply
voltage within the limits of the power supply voltage fluctuation rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com