Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 149 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 149 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 145Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 146Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 147Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 148Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 149Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 150Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 151Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 152Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 153Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 149 of 163
MB91570 Series
13.4.17 HS-SPI timing
(TA: Recommended operating conditions, VCC5 = VCCE = AVCC = 5.0V±10%, VSS = AVSS = 0.0V)
(External load capacitance 20pF)
Parameter
Symbol
Pin name
Conditi
ons
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYCM
SPI_CLK
Master
62.5
–
ns
*1
*2
Slave
100
–
ns
Valid CS → CLK start time
(mode0/mode2)
tOSLSK02
SPI_CLK,
SPI_CS0,
SPI_CS1,
SPI_CS2,
SPI_CS3
–
1.5
×t
SCYCM – 15
–
ns
Valid CS → CLK start time
(mode1/mode3)
tOSLSK13
tSCYCM – 15
–
ns
CLK end → Invalid CS time
(mode0/mode2)
tOSKSL02
tSCYCM -10
–
ns
CLK end → Invalid CS time
(mode1/mode3)
tOSKSL13
1.5
×t
SCYCM -10
–
ns
SIO data output time
tOSDAT
SPI_CLK,
SPI_SIO0,
SPI_SIO1,
SPI_SIO2,
SPI_SIO3
Master
-10
15
ns
Slave
–
28
ns
SIO setup
tDSSET
SPI_CLK,
SPI_SIO0,
SPI_SIO1,
SPI_SIO2,
SPI_SIO3
–
22
–
ns
SIO hold
tSDHOLD
0.5
×t
SCYCM
–
ns
*1: VCCE = 5.0V±10%, or VCCE = 3.0 to 3.6V
*2: In the voltage range shown in *1, this parameter is defined when IOH is -2mA and IOL is 2mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com