Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 152 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 152 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 148Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 149Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 150Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 151Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 152Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 153Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 154Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 155Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 156Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 152 of 163
MB91570 Series
13.5.2
Definition of A/D Converter Terms
Resolution
: Analog variation that is recognized by an A/D converter.
Linearity error
: Deviation of the actual conversion characteristics from a straight line that connects the zero
transition point ("00 0000 0000"←→"00 0000 0001") to the full-scale transition point
("11 1111 1110"← →"11 1111 1111").
Differential linearity error
: Deviation of the input voltage from the ideal value that is required to change the output code by
1LSB.
Total error
: Difference between the actual value and the theoretical value. The total error includes zero
transition error, full-scale transition error, and linearity error.
Total error
Total error of digital output N =
VNT - {1LSB × (N - 1) + 0.5LSB}
[LSB]
1LSB
1LSB (Ideal value) =
AVRH - AVSS
[V]
1024
VOT (Ideal value) = AVSS + 0.5 LSB[V]
VFST (Ideal value) = AVRH - 1.5 LSB[V]
VNT: Voltage at which the digital output changes from (N - 1) to N.
3FF
3FE
3FD
004
003
002
001
AVSS
(AVRL)
AVRH
0.5 LSB
V
{1 LSB × (N - 1) + 0.5 LSB}
1.5 LSB
Ideal characteristics
Actual
conversion
characteristics
(Actually-measured value)
Analog input
Actual
conversion
characteristics
NT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com