Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CSPMC Datasheet(PDF) 155 Page - Cypress Semiconductor

Part # MB91F577CSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CSPMC Datasheet(HTML) 155 Page - Cypress Semiconductor

Back Button MB91F577CSPMC Datasheet HTML 151Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 152Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 153Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 154Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 155Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 156Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 157Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 158Page - Cypress Semiconductor MB91F577CSPMC Datasheet HTML 159Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 155 of 163
MB91570 Series
13.7 Flash memory
13.7.1
Electrical characteristics
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
–
200
800
ms
8 Kbyte sector*
1,
excluding internal preprogramming time
–
300
1100
ms
8 Kbyte sector*
1,
including internal preprogramming time
–
400
2000
ms
64 Kbyte sector*
1,
excluding internal preprogramming time
–
700
3700
ms
64 Kbyte sector*
1,
including internal preprogramming time
8-bit writing time
–
9
288
µs
Exclusive of overhead time at
system level*
1
16-bit writing time
–
12
384
µs
Exclusive of overhead time at
system level*
1
ECC writing time
–
9
288
µs
Exclusive of overhead time at
system level*
1
Erase cycle*
2/
Data retain time
1,000 cycles/
20 years,
10,000 cycles/
10 years,
100,000 cycles/
5 years
–
–
–
Average TA = +85°C*
3
*1: The guaranteed value for erasure up to 100,000 cycles.
*2: Number of erase cycles for each sector.
*3: This value comes from the technology qualification (using Arrhenius equation to translate high temperature measurements into
normalized value at + 85°C).
13.7.2
Notes
While the Flash memory is written or erased, shutdown of the external power (VCC5) is prohibited.
In the application system where VCC5 might be shut down while writing or erased, be sure to turn the power off by using an external
low-voltage detection function.
To put it concretely, after the external power supply voltage falls below the detection voltage (VDL
*1), hold V
CC5 at 2.7V or more
within the duration calculated by the following expression:
Td
*1[µs] + (period of PCLK [µs] × 257) + 50 [µs]
*1: See “13.4. AC characteristics, 13.4.10. Low voltage detection (External low-voltage detection)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com