Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD179G. Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD179G.
Description  Plastic Medium-Power Silicon NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD179G. Datasheet(HTML) 1 Page - ON Semiconductor

  BD179G. Datasheet HTML 1Page - ON Semiconductor BD179G. Datasheet HTML 2Page - ON Semiconductor BD179G. Datasheet HTML 3Page - ON Semiconductor BD179G. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
Noember, 2013 − Rev. 15
1
Publication Order Number:
BD179/D
BD179G
Plastic Medium-Power
Silicon NPN Transistor
This device is designed for use in 5.0 to 10 Watt audio amplifiers
and drivers utilizing complementary or quasi complementary circuits.
Features
• High DC Current Gain
• BD179 is complementary with BD180
• These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
80
Vdc
Collector−Base Voltage
VCBO
80
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
3.0
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25_C
PD
30
240
W
mW/_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
4.16
_C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
3.0 AMPERES
POWER TRANSISTORS
NPN SILICON
80 VOLTS, 30 WATTS
http://onsemi.com
BD179G
TO−225
(Pb−Free)
500 Units/Box
MARKING DIAGRAM
YWW
BD179G
Y
= Year
WW
= Work Week
BD179 = Device Code
G
= Pb−Free Package
3
BASE
1
EMITTER
COLLECTOR
2
TO−225
CASE 77
STYLE 1
3 2 1


Similar Part No. - BD179G.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD179G ONSEMI-BD179G Datasheet
86Kb / 4P
Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
More results

Similar Description - BD179G.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
Plastic Medium Power Silicon NPN Transistor
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
Plastic Medium Power NPN Silicon Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
Plastic Medium Power Silicon NPN Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com