Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD179G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD179G.
Description  Plastic Medium-Power Silicon NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD179G. Datasheet(HTML) 2 Page - ON Semiconductor

  BD179G. Datasheet HTML 1Page - ON Semiconductor BD179G. Datasheet HTML 2Page - ON Semiconductor BD179G. Datasheet HTML 3Page - ON Semiconductor BD179G. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD179G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 0.1 Adc, IB = 0)
V(BR)CEO
80
−
Vdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
−
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
1.0
mAdc
DC Current Gain
(IC = 0.15 A, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
hFE
63
15
160
−
−
Collector−Emitter Saturation Voltage (Note 1)
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
−
0.8
Vdc
Base−Emitter On Voltage (Note 1)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
−
1.3
Vdc
Current−Gain − Bandwidth Product
(IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
fT
3.0
−
MHz
1. Pulse Test: Pulse Width ≤ 300 As, Duty Cycle ≤ 2.0%.
Figure 1. Active Region Safe Operating Area
10
2.0
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.1
3.0
5.0 7.0
10
20
30
50
100
SECONDARY BREAKDOWN LIMITATION
THERMAL LIMITATION
(BASE-EMITTER DISSIPATION IS
SIGNIFICANT ABOVE IC = 2.0 AMP)
PULSE DUTY CYCLE < 10%
70
0.3
0.2
TJ = 150°C
dc
5.0 ms
1.0
100
ms
1.0 ms
The Safe Operating Area Curves indicate IC − VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the
applicable Safe Area to avoid causing a catastrophic failure.
To
insure
operation
below
the
maximum
TJ,
power−temperature derating must be observed for both
steady state and pulse power conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com